Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28E01-100 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28E01-100
Description  1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E01-100 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28E01-100 Datasheet HTML 1Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 2Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 3Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 4Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 5Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 6Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 7Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 8Page - Maxim Integrated Products DS28E01-100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1Kb Protected 1-Wire EEPROM
with SHA-1 Engine
2
_______________________________________________________________________________________
ABRIDGED DATA SHEET
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range to GND .......................................-0.5V to +6V
IO Sink Current ...................................................................20mA
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
k
Input Capacitance
CIO
(Notes 4, 5)
1000
pF
Input Load Current
IL
IO pin at VPUP
0.05
6.7
μA
High-to-Low Switching Threshold
VTL
(Notes 5, 6, 7)
0.46
VPUP -
1.8
V
Input Low Voltage
VIL
(Notes 2, 8)
0.5
V
Low-to-High Switching Threshold
VTH
(Notes 5, 6, 9)
1.0
VPUP -
1.1
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA current load (Note 11)
0.4
V
Standard speed, RPUP = 2.2k
5
Overdrive speed, RPUP = 2.2k
2
Recovery Time
(Notes 2,12)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2k
5
μs
Standard speed
0.5
5.0
Rising-Edge Hold-Off Time
(Notes 5, 13)
tREH
Overdrive speed
Not applicable (0)
μs
Standard speed
65
Time Slot Duration
(Notes 2, 14)
tSLOT
Overdrive speed
8
μs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
48
80
μs
Standard speed
15
60
Presence-Detect High Time
tPDH
Overdrive speed
2
6
μs
Standard speed
60
240
Presence-Detect Low Time
tPDL
Overdrive speed
8
24
μs
Standard speed
60
75
Presence-Detect Sample Time
(Notes 2, 15)
tMSP
Overdrive speed
6
10
μs


Similar Part No. - DS28E01-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results

Similar Description - DS28E01-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
   1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com