Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441AK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG441AK
Description  Improved, Quad, SPST Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441AK Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG441AK Datasheet HTML 1Page - Maxim Integrated Products DG441AK Datasheet HTML 2Page - Maxim Integrated Products DG441AK Datasheet HTML 3Page - Maxim Integrated Products DG441AK Datasheet HTML 4Page - Maxim Integrated Products DG441AK Datasheet HTML 5Page - Maxim Integrated Products DG441AK Datasheet HTML 6Page - Maxim Integrated Products DG441AK Datasheet HTML 7Page - Maxim Integrated Products DG441AK Datasheet HTML 8Page - Maxim Integrated Products DG441AK Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Improved, Quad, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VGND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-15
0
15
-10
-5
510
ON-LEAKAGE CURRENTS
-2
-1
0
1
2
3
4
VS, VD (V)
TA = +125
°C
TA = +85
°C
V+ = 15V
V- = -15V
-15
0
15
-10
-5
510
OFF-LEAKAGE CURRENTS
-1
0
2
1
VS, VD (V)
TA = +85
°C
TA = +125
°C
V+ = 15V
V- = -15V
SWITCHING THRESHOLD vs.
BIPOLAR SUPPLY VOLTAGE
0
0.5
1.5
2.0
2.5
3.0
3.5
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
MAX
MIN
Note 2: Typical values are for design aid only, are not guaranteed, and are not subject to production testing. The algebraic con-
vention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet.
Note 3: Guaranteed by design.
Note 4: On-resistance match between channels and flatness is guaranteed only with bipolar-supply operation. Flatness is defined
as the difference between the maximum and the minimum value of on-resistance as measured at the extremes of the speci-
fied analog range.
Note 5: Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum rated hot temperature and guaranteed
by correlation at +25°C.
Note 6: Off-Isolation Rejection Ratio = 20log (VD/VS), VD = output, VS = input to off switch.
Note 7: Between any two switches.
TA = +25°C
TA = TMIN to TMAX
µA
(Note 3)
TA = +25°C
µA
15
100
All channels on or off, VIN = 0V or 5V
I+
TA = TMIN to TMAX
Positive Supply Current
TA = +25°C
CL = 1nF, VGEN = 0V
ns
V+ = 10.8V, VD = 3V, 8V,
IS = 1.0mA
60
200
Q
Charge Injection (Note 3)
pC
510
CONDITIONS
-5
5
VS = 8V, Figure 2
tOFF
Turn-Off Time
TA = +25°C
All channels on or off,
VIN = 0V or 5V
V
-100
-15
All channels on or off, VIN = 0V or 5V
IGND
Ground Current
TA = +25°C
V
012
VANALOG
Analog Signal Range
10
30
I-
Negative Supply Current
µA
-1
-0.0001
1
V+
Ω
100
160
rDS(ON)
Drain-Source
On-Resistance
200
Power-Supply Range
VS = 8V, Figure 2
tON
Turn-On Time
ns
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
300
400
SWITCH
SUPPLY
DYNAMIC


Similar Part No. - DG441AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441AK MAXIM-DG441AK Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
logo
Intersil Corporation
DG441AK/883 INTERSIL-DG441AK/883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
More results

Similar Description - DG441AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com