Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS34T104 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS34T104
Description  Single/Dual/Quad/Octal TDM-over-Packet Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS34T104 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS34T104 Datasheet HTML 7Page - Maxim Integrated Products DS34T104 Datasheet HTML 8Page - Maxim Integrated Products DS34T104 Datasheet HTML 9Page - Maxim Integrated Products DS34T104 Datasheet HTML 10Page - Maxim Integrated Products DS34T104 Datasheet HTML 11Page - Maxim Integrated Products DS34T104 Datasheet HTML 12Page - Maxim Integrated Products DS34T104 Datasheet HTML 13Page - Maxim Integrated Products DS34T104 Datasheet HTML 14Page - Maxim Integrated Products DS34T104 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ABRIDGED DATA SHEET
____________________________________________________ DS34T101, DS34T102, DS34T104, DS34T108
11 of 16
TDMoP Bundles
64 independent bundles, each can be assigned to any TDM interface
Each bundle carries a data stream from one TDM interface over IP/MPLS/Ethernet PSN from TDMoP source
device to TDMoP destination device
Each bundle may be for N x 64kbps, an entire E1, T1, E3, T3 or STS-1, or an arbitrary serial data stream
Each bundle is uni-directional (but frequently coupled with opposite-direction bundle for bidirectional
communication)
Multiple bundles can be transported between TDMoP devices
Multiple bundles can be assigned to the same TDM interface
Each bundle is independently configured with its own:
o
Transmit and receive queues
o
Configurable receive-buffer depth
o
Optional connection-level redundancy (SAToP, AAL1, CESoPSN only).
Each bundle can be assigned to one of the payload-type machines or to the CPU
For E1/T1 the device provides internal bundle cross-connect functionality, with DS0 resolution
TDMoP Clock Recovery
Sophisticated TDM clock recovery machines, one for each TDM interface, allow end-to-end TDM clock
synchronization, despite the packet delay variation of the IP/MPLS/Ethernet network
The following clock recovery modes are supported:
o
Adaptive clock recovery
o
Common clock (using RTP)
o
External clock
o
Loopback clock
The clock recovery machines provide both fast frequency acquisition and highly accurate phase tracking:
o
Jitter and wander of the recovered clock are maintained at levels that conform to G.823/G.824 traffic or
synchronization interfaces. (For adaptive clock recovery, the recovered clock performance depends on
packet network characteristics.)
o
Short-term frequency accuracy (1 second) is better than 16 ppb (using OCXO reference), or 100 ppb
(using TCXO reference)
o
Capture range is ±90 ppm
o
Internal synthesizer frequency resolution of 0.5 ppb
o
High resilience to packet loss and misordering, up to 2% without degradation of clock recovery
performance
o
Robust to sudden significant constant delay changes
o
Automatic transition to holdover when link break is detected
TDMoP Delay Variation Compensation
Configurable jitter buffers compensate for delay variation introduce by the IP/MPLS/Ethernet network
Large maximum jitter buffer depths:
o
E1: up to 256 ms
o
T1 unframed: up to 340 ms
o
T1 framed: up to 256 ms
o
T1 framed with CAS: up to 192 ms
o
E3: up to 60 ms
o
T3: up to 45 ms
o
STS-1: up to 40 ms.
Packet reordering is performed for SAToP and CESoPSN bundles within the range of the jitter buffer
Packet loss is compensated by inserting either a pre-configured conditioning value or the last received value.


Similar Part No. - DS34T104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T104 MAXIM-DS34T104 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T104GN MAXIM-DS34T104GN Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T104GN MAXIM-DS34T104GN Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T104GN++ MAXIM-DS34T104GN+ Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T104GN++ MAXIM-DS34T104GN+ Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
More results

Similar Description - DS34T104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34S101 MAXIM-DS34S101 Datasheet
1Mb / 13P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com