Electronic Components Datasheet Search |
|
V300A28H400BL2 Datasheet(PDF) 9 Page - Vicor Corporation |
|
V300A28H400BL2 Datasheet(HTML) 9 Page - Vicor Corporation |
9 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 300V Maxi Family Rev. 8.7 Page 9 of 13 Set your site on VICOR at vicorpower.com Output Voltage Programming The output voltage of the converter can be adjusted or programmed via fixed resistors, potentiometers or voltage DACs. See Figures 7 and 8. Figure 8 — Output voltage trim up circuit. Figure 7 — Output voltage trim down circuit. +OUT +S SC –S –OUT RU Trim Up Load Error Amp 1 k Ω 1.23 V 0.033 μF 1,000 (Vout –1.23) Vnom 1.23 (Vout – Vnom) RU (ohms) = – 1,000 Load +OUT +S SC –S –OUT RD Trim Down Error Amp 1 k Ω 1.23 V 0.033 μF 1,000 Vout Vnom – Vout RD (ohms) = Trim Down 1. This converter is not a constant power device – it has a constant current limit. Hence, available output power is reduced by the same percentage that output voltage is trimmed down. Do not exceed maximum rated output current. 2. The trim down resistor must be connected to the –Sense pin. CONTROL FUNCTIONS - SC PIN Trim Up 1. The converter is rated for a maximum delivered power. To ensure that maximum rated power is not exceeded, reduce maximum output current by the same percentage increase in output voltage. 2. The trim up resistor must be connected to the +Sense pin. 3. Do not trim the converter above maximum trim range (typically +10%) or the output over voltage protection circuitry may be activated. Trim resistor values calculated automatically: On-line calculators for trim resistor values are available on the vicor website at: vicorpower.com/tools. Resistor values can be calculated for fixed trim up, fixed trim down and for variable trim up or down. In addition to trimming information, the web site and the Applications Manual also include design tips, applications circuits, EMC suggestions, thermal design guidelines and PDF data sheets for all available Vicor products. |
Similar Part No. - V300A28H400BL2 |
|
Similar Description - V300A28H400BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |