Electronic Components Datasheet Search |
|
V48C28T75BF2 Datasheet(PDF) 7 Page - Vicor Corporation |
|
V48C28T75BF2 Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 48V Micro Family Rev. 7.5 Page 7 of 13 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 86.5 87.9 % Nominal input; full load; 25°C Ripple and noise 128 160 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 3.7 4.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 1.56 Amps Current limit 1.59 1.79 2.11 Amps Output voltage 95% of nominal Short circuit current 1.09 1.79 2.11 Amps Output voltage <250 mV 48 Vout, 75 W (e.g. V48C48C75BL) Parameter Min Typ Max Unit Notes Efficiency 88 89 % Nominal input; full load; 25°C Ripple and noise 92 115 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 4.2 6.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 3.13 Amps Current limit 3.19 3.6 4.5 Amps Output voltage 95% of nominal Short circuit current 2.19 3.6 4.5 Amps Output voltage < 250 mV 48 Vout, 150 W (e.g. V48C48C150BL) |
Similar Part No. - V48C28T75BF2 |
|
Similar Description - V48C28T75BF2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |