Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1874 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 3Page - Maxim Integrated Products DS1874 Datasheet HTML 4Page - Maxim Integrated Products DS1874 Datasheet HTML 5Page - Maxim Integrated Products DS1874 Datasheet HTML 6Page - Maxim Integrated Products DS1874 Datasheet HTML 7Page - Maxim Integrated Products DS1874 Datasheet HTML 8Page - Maxim Integrated Products DS1874 Datasheet HTML 9Page - Maxim Integrated Products DS1874 Datasheet HTML 10Page - Maxim Integrated Products DS1874 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLOUT Clock Frequency
fSCLOUT
(Note 13)
833
kHz
SCLOUT Duty Cycle
t3WDC
50
%
SDAOUT Setup Time
tDS
100
ns
SDAOUT Hold Time
tDH
100
ns
CSELOUT Pulse-Width Low
tCSW
500
ns
CSELOUT Leading Time Before
the First SCLOUT Edge
tL
500
ns
CSELOUT Trailing Time After the
Last SCLOUT Edge
tT
(Note 14)
500
ns
SDAOUT, SCLOUT Load
CB3W
Total bus capacitance on one line (Note 14)
10
pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Enable Time Following POA
tINIT
(Note 8)
20
ms
Binary Search Time
tSEARCH
(Note 12)
8
10
BIAS
Samples
3-WIRE DIGITAL INTERFACE SPECIFICATION
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted. See Figure 15.)
SFP+ Controller with Digital LDD Interface
_______________________________________________________________________________________
7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TXD Enable
tOFF
From
TXD (Notes 5, 6)
5
μs
Recovery from TXD Disable
(Figure 14)
tON
From
TXD (Notes 5, 7)
1
ms
Recovery After Power-Up
tINIT_DAC
From
VCC > VCC LO alarm (Notes 5, 8)
20
ms
tINITR1
From
TXD
131
Fault Reset Time (to TXF = 0)
tINITR2
From
VCC > VCC LO alarm (Note 8)
161
ms
Fault Assert Time (to TXF = 1)
tFAULT
After HTXP, LTXP, HBATH, IBIASMAX
(Note 9)
6.4
55
μs
LOSOUT Assert Time
tLOSS_ON
LLOS (Notes 9, 10)
6.4
55
μs
LOSOUT Deassert Time
tLOSS_OFF
HLOS (Notes 9, 11)
6.4
55
μs
TIMING CHARACTERISTICS (CONTROL LOOP AND QUICK TRIP)
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40°C to +95°C
-3
+3
°C
DIGITAL THERMOMETER CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)


Similar Part No. - DS1874

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
DS1870E-010 MAXIM-DS1870E-010 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870E-010 MAXIM-DS1870E-010 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
More results

Similar Description - DS1874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
logo
Asahi Kasei Microsystem...
AK2557 AKM-AK2557 Datasheet
157Kb / 4P
   4ch Cathode Common LDD with Digital APC
AK2559 AKM-AK2559 Datasheet
158Kb / 4P
   2ch Cathode Common LDD with Digital APC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com