Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48B28E250BF3 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V48B28E250BF3
Description  48V Input Mini Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B28E250BF3 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V48B28E250BF3 Datasheet HTML 3Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 4Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 5Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 6Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 7Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 8Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 9Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 10Page - Vicor Corporation V48B28E250BF3 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Mini Family
Rev. 7.4
Page 9 of 11
Set your site on VICOR at vicorpower.com
+Sense from
other modules
in the array
+In
PC
PR
–In
+Out
+S
SC
–Out
–S
Figure 12 — OR’ing diodes connections.
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
Load
+S
–S
+S
–S
+S
–S
Module
2
Module
1
+In
PC
PR
–In
+In
PC
PR
–In
Module
N+1
+In
PC
PR
–In
Figure 11 — N+1 module array output connections.
• The +Out and –Out power buses
should be designed to minimize
and balance parasitic impedance
from each module output to the
load.
• The +Sense pins should be tied
to the same point on the +Out
power bus; the –Sense pins
should be tied to the same point
on the –Out power bus.
• At the discretion of the power
system designer, a subset of all
modules within an array may be
configured as slaves by shorting
SC to –S.
• ORʼing diodes may be inserted in
series with the +Out pins of each
module to provide module output
fault tolerance.
Designator
Description
Notes
(None)
Short Tin/Lead
Requires in-board, mounting
L
Long Tin/Lead
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting
N
Long ModuMate
On-board socket mounting
F
Short RoHS
Select for RoHS compliant in-board solder, socket, or SurfMate mounting
G
Long RoHS
Select for RoHS compliant on-board solder or socket mounting
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V48B12T250BN2 — Long ModuMate Pins
CONTROL FUNCTIONS - PR PIN (CONT.)
PIN STYLES*


Similar Part No. - V48B28E250BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B28E24B VICOR-V48B28E24B Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V48B28E24B VICOR-V48B28E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48B28E24B1 VICOR-V48B28E24B1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V48B28E24B1 VICOR-V48B28E24B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48B28E24B2 VICOR-V48B28E24B2 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
More results

Similar Description - V48B28E250BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com