Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48B12C250BF3 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V48B12C250BF3
Description  48V Input Mini Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B12C250BF3 Datasheet(HTML) 5 Page - Vicor Corporation

  V48B12C250BF3 Datasheet HTML 1Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 2Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 3Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 4Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 5Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 6Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 7Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 8Page - Vicor Corporation V48B12C250BF3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Mini Family
Rev. 7.4
Page 5 of 11
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88
89
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5
7.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10.42
Amps
Current limit
10.7
12.1
13.7
Amps
Output voltage 95% of nominal
Short circuit current
7.35
12.1
13.7
Amps
Output voltage < 250 mV
24 Vout, 250 W (e.g. V48B24C250BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.5
89.5
%
Nominal input; full load; 25°C
Ripple and noise
178
223
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.8
8.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
8.93
Amps
Current limit
9.1
10.3
12.1
Amps
Output voltage 95% of nominal
Short circuit current
5
10.3
12.1
Amps
Output voltage < 250 mV
28 Vout, 250 W (e.g. V48B28C250BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.5
89.3
%
Nominal input; full load; 25°C
Ripple and noise
250
313
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
6.9
11.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
6.94
Amps
Current limit
7.07
7.98
9.37
Amps
Output voltage 95% of nominal
Short circuit current
4.85
7.98
9.37
Amps
Output voltage <250 mV
36 Vout, 250 W (e.g. V48B36C250BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.5
89.5
%
Nominal input; full load; 25°C
Ripple and noise
150
188
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.9
5.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
5.20
Amps
Current limit
5.31
5.99
7.29
Amps
Output voltage 95% of nominal
Short circuit current
2.08
5.99
7.29
Amps
Output voltage < 250 mV
48 Vout, 250 W (e.g. V48B48C250BL)


Similar Part No. - V48B12C250BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B12C250B VICOR-V48B12C250B Datasheet
179Kb / 8P
   48Vin / 12Vout / 250Watts DC-DC Converter Module
V48B12c250Bl VICOR-V48B12c250Bl Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
More results

Similar Description - V48B12C250BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com