Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48C28M75BF2 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V48C28M75BF2
Description  48V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48C28M75BF2 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V48C28M75BF2 Datasheet HTML 4Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 5Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 6Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 7Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 8Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 9Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 10Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 11Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Micro Family
Rev. 7.5
Page 8 of 13
Set your site on VICOR at vicorpower.com
Module Enable/Disable
The module may be disabled by pulling PC below 2.3 V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Primary Auxiliary Supply
At 5.7 V, PC can source up to 1.5 mA. In the example shown
in Figure 3, PC powers a module enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will
shut down and PC will go low. PC will periodically go high
and the module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin
will go low in the event of a fault and return to its normal
state after the fault has been cleared. See Figures 2 and 4.
Disable
Disable = PC <2.3V
+In
PC
PR
–In
Figure 1 — Module enable/disable.
Figure 3 — LED on-state indicator.
4kΩ
"Module
Enabled"
+In
PC
PR
–In
Optocoupler
+In
PC
PR
–In
4kΩ
Alarm
1.00 V
+OUT
SC
–OUT
Comparator
Input Undervoltage
Input Overvoltage [a]
Over Temperature
Module Faults
2-20 ms typ.
f(VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50
Ω
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3 shown
in "Fault" position
+OUT
SC
–OUT
+IN
PC
PR
–IN
[a] Not applicable for 300 Vdc Input family
1 M
Figure 2 — PC/SC module alarm logic.
Figure 5 — Isolated on-state indicator.
2-20ms typ.
Fault
SC
PC
1.23V
5.7V
40μs typ.
Figure 4 — PC/SC module alarm timing.
Figure 6 — Secondary side on-state indicator.
CONTROL FUNCTIONS - PC PIN


Similar Part No. - V48C28M75BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C28M100B VICOR-V48C28M100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V48C28M150B VICOR-V48C28M150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V48C28M75BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com