Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48C28M75BF2 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V48C28M75BF2
Description  48V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48C28M75BF2 Datasheet(HTML) 2 Page - Vicor Corporation

  V48C28M75BF2 Datasheet HTML 1Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 2Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 3Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 4Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 5Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 6Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 7Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 8Page - Vicor Corporation V48C28M75BF2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Micro Family
Rev. 7.5
Page 2 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
36
48
75
Vdc
Input surge withstand
100
Vdc
<100 ms
Undervoltage turn-on
34.9
35.7
Vdc
Undervoltage turn-off
29.4
30.5
Vdc
Overvoltage turn-off/on
75.7
78.8
82.5
Vdc
Disabled input current
2.5
mA
PC pin low
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1%
Vout nom.
Nominal input; full load; 25°C
Line regulation
±0.02
±0.2
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+Out to –Out — Absolute Max imum Ratings
2 V
- 0.5 to 3.1
Vdc
Externally applied
3.3 V
- 0.5 to 4.7
Vdc
Externally applied
5 V
- 0.5 to 7.0
Vdc
Externally applied
12 V
- 0.5 to 16.1
Vdc
Externally applied
15 V
- 0.5 to 20.0
Vdc
Externally applied
24 V
- 0.5 to 31.7
Vdc
Externally applied
28 V
- 0.5 to 36.9
Vdc
Externally applied
36 V
-0.5 to 47.1
Vdc
Externally applied
48 V
-0.5 to 62.9
Vdc
Externally applied
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.24
°C/Watt
Baseplate to sink; thermal pad (P/N 20265)
0.21
°C/Watt
Baseplate to ambient
10.9
°C/Watt
Baseplate to ambient; 1000 LFM
2.8
°C/Watt
Thermal capacity
48
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
MODULE FAMILY ELECTRICAL CHARACTERISTICS


Similar Part No. - V48C28M75BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C28M100B VICOR-V48C28M100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V48C28M150B VICOR-V48C28M150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V48C28M75BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com