Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V72B15E250BF2 Datasheet(PDF) 11 Page - Vicor Corporation

Part # V72B15E250BF2
Description  72V Input Mini Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V72B15E250BF2 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button V72B15E250BF2 Datasheet HTML 3Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 4Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 5Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 6Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 7Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 8Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 9Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 10Page - Vicor Corporation V72B15E250BF2 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
72V Mini Family
Rev. 1.7
4/09
Set your site on VICOR at vicorpower.com
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
Fax: 978-475-6715
email
Customer Service: custserv@vicorpower.com
Technical Support: apps@vicorpower.com
Vicor’s comprehensive line of power solutions includes high density AC-DC and DC-DC modules
and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete
custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its
use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or
malfunction could result in injury or death. All sales are subject to Vicor’s Terms and Conditions of Sale, which are available
upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent
applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual
Property Department.
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal
use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or
maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original
purchaser only.
EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE.
Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the
buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products
returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the
product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty.
Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is
assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability,
function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither
does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of
its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms
and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies
Vicor against all damages.


Similar Part No. - V72B15E250BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V72B24C250BL VICOR-V72B24C250BL Datasheet
1Mb / 11P
   DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
More results

Similar Description - V72B15E250BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com