Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A15H300BS3 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V24A15H300BS3
Description  24V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A15H300BS3 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V24A15H300BS3 Datasheet HTML 5Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 6Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 7Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 8Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 9Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 10Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 11Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 12Page - Vicor Corporation V24A15H300BS3 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Maxi Family
Rev. 4.9
Page 9 of 13
Set your site on VICOR at vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
Figure 8 — Output voltage trim up circuit.
Figure 7 — Output voltage trim down circuit.
+OUT
+S
SC
–S
–OUT
RU
Trim Up
Load
Error
Amp
1 k
Ω
1.23 V
0.033
μF
1,000 (Vout –1.23) Vnom
1.23 (Vout – Vnom)
RU (ohms) =
– 1,000
Load
+OUT
+S
SC
–S
–OUT
RD
Trim Down
Error
Amp
1 k
Ω
1.23 V
0.033
μF
1,000 Vout
Vnom – Vout
RD (ohms) =
Trim Up
1. The converter is rated for a maximum delivered power. To
ensure that maximum rated power is not exceeded, reduce
maximum output current by the same percentage increase in
output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage protection
circuitry may be activated.
CONTROL FUNCTIONS - SC PIN
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.
Resistor values can be calculated for fixed trim up,
fixed trim down and for variable trim up or down.
In addition to trimming information, the web site and
the Applications Manual also include design tips,
applications circuits, EMC suggestions, thermal design
guidelines and PDF data sheets for all available Vicor
products.
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Sense pin.


Similar Part No. - V24A15H300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A15H300BS3 VICOR-V24A15H300BS3 Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A15H300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com