Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110C24H100BN2 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V110C24H100BN2
Description  110V Input Micro Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110C24H100BN2 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V110C24H100BN2 Datasheet HTML 3Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 4Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 5Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 6Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 7Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 8Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 9Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 10Page - Vicor Corporation V110C24H100BN2 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Micro Family
Rev. 2.3
Page 8 of 11
Set your site on VICOR at vicorpower.com
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Negative In pins must be tied
to the same electric potential. Up to three converters may be
paralleled by this method. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001 µF (500 V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. Up to three
converters may be paralleled by this method. See Figure 10.
Transformer coupled interface. For paralleling four or more
converters a transformer coupled interface is required. For
details on this configuration please refer to the design guide
referenced in the following technical information section.
Technical Information
For additional technical information contained in the Design
Guide and Applications Manual for Maxi, Mini, Micro Family
DC-DC Converters and Accessory Modules, click on the link
below:
http://www.vicorpower.com/mmmguide
Figure 9 — DC coupled single-wire interface.
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Figure 10 — AC coupled single-wire interface.
0.001μF
0.001μF


Similar Part No. - V110C24H100BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C15T100BG VICOR-V110C15T100BG Datasheet
1Mb / 12P
   DC input range 66-154 V (continuous)
V110C3V3C50BL VICOR-V110C3V3C50BL Datasheet
1Mb / 12P
   DC-DC Converter Module
More results

Similar Description - V110C24H100BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com