Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24C38T100BS3 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V24C38T100BS3
Description  24V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24C38T100BS3 Datasheet(HTML) 4 Page - Vicor Corporation

  V24C38T100BS3 Datasheet HTML 1Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 2Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 3Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 4Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 5Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 6Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 7Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 8Page - Vicor Corporation V24C38T100BS3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Micro Family
Rev. 4.7
Page 4 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
78
79
%
Nominal input; full load; 25°C
Ripple and noise
140
175
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4
6
Watts
No load
Load regulation
±0.02
±0.4
%
No load to full load; nominal input
Load current
0
22.72
Amps
Current limit
23.1
26.1
30.7
Amps
Output voltage 95% of nominal
Short circuit current
15.8
26.1
30.7
Amps
Output voltage < 250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
3.3 Vout, 75 W (e.g. V24C3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
75
79.2
%
Nominal input; full load; 25°C
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
1.6
3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15.15
Amps
Current limit
15.5
17.5
20.6
Amps
Output voltage 95% of nominal
Short circuit current
10.6
17.5
20.6
Amps
Output voltage <250 mV
3.3 Vout, 50 W (e.g. V24C3V3C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.3
86
%
Nominal input; full load; 25°C
Ripple and noise
145
182
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3
3.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.9
Amps
Output voltage 95% of nominal
Short circuit current
8.75
14.4
16.9
Amps
Output voltage <250 mV
8 Vout, 100 W (e.g. V24C8C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83
84
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.2
4.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
27
Amps
Output voltage 95% of nominal
Short circuit current
2
23
27
Amps
Output voltage < 250 mV
5 Vout, 100 W (e.g. V24C5C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83
84.5
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
1.3
2.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
2
11.5
13.5
Amps
Output voltage < 250mV
5 Vout, 50 W (e.g. V24C5C50BL)


Similar Part No. - V24C38T100BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C36C100BL VICOR-V24C36C100BL Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C36C50BL VICOR-V24C36C50BL Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C3V3C150B VICOR-V24C3V3C150B Datasheet
145Kb / 8P
   24Vin / 3.3Vout / 150Watts DC-DC Converter Module
V24C3V3C264B VICOR-V24C3V3C264B Datasheet
150Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24C3V3E24B VICOR-V24C3V3E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V24C38T100BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com