Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2406+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2406+
Description  Dual Addressable Switch Plus 1Kb Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2406+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2406+ Datasheet HTML 1Page - Maxim Integrated Products DS2406+ Datasheet HTML 2Page - Maxim Integrated Products DS2406+ Datasheet HTML 3Page - Maxim Integrated Products DS2406+ Datasheet HTML 4Page - Maxim Integrated Products DS2406+ Datasheet HTML 5Page - Maxim Integrated Products DS2406+ Datasheet HTML 6Page - Maxim Integrated Products DS2406+ Datasheet HTML 7Page - Maxim Integrated Products DS2406+ Datasheet HTML 8Page - Maxim Integrated Products DS2406+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DS2406
4 of 32
PARASITE POWER
The DS2406 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor
during periods of time when the signal line is high. During low times the device continues to operate off
of this “parasite” power source until the 1-Wire bus returns high to replenish the parasite (capacitor)
supply. In applications where the device may be temporarily disconnected from the 1-Wire bus or where
the low-times of the 1-Wire bus may be very long the VCC pin may be connected to an external voltage
supply to maintain the device status.
When writing to the EPROM memory, the 1-Wire communication occurs at normal voltage levels and
then is pulsed momentarily to the programming voltage to cause the selected EPROM bits to be
programmed. The bus master must be able to provide 12V and 10mA to adequately program the EPROM
portions of the device. During programming, only EPROM-based devices are allowed to be present on
the 1-Wire bus.
64-BIT LASERED ROM
Each DS2406 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits. (See Figure 3).
The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates
as shown in Figure 4. The polynomial is X
8
+ X
5
+ X
4
+ 1. Additional information about the Dallas 1-
Wire Cyclic Redundancy Check is available in Application Note 27. The shift register bits are initialized
to zero. Then starting with the least significant bit of the family code, 1 bit at a time is shifted in. After the
8th bit of the family code has been entered, then the serial number is entered. After the 48th bit of the
serial number has been entered, the shift register contains the CRC value. Shifting in the 8 bits of CRC
should return the shift register to all zeros. The 64-bit ROM and the 1-Wire Function Control section
allow the DS2406 to operate as a 1-Wire device and follow the protocol detailed in the section “1-Wire
Bus System”.
64-BIT LASERED ROM Figure 3
MSB
LSB
8-Bit CRC Code
48-Bit Serial Number
8-Bit Family Code (12h)
MSB
LSB MSB
LSB MSB
LSB
1-WIRE CRC GENERATOR Figure 4
R
X2
X1
X0
X8
X7
X6
X5
X4
X3
8TH
STAGE
7TH
STAGE
6TH
STAGE
5TH
STAGE
4TH
STAGE
3RD
STAGE
2ND
STAGE
1ST
STAGE
S
INPUT DATA
Polynomial = X8 + X5 + X4 + 1


Similar Part No. - DS2406+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2406++ DALLAS-DS2406+ Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
DS2406+R DALLAS-DS2406+R Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
DS2406+T DALLAS-DS2406+T Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
More results

Similar Description - DS2406+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
   Dual Addressable Switch Plus 1K.Bit Memory
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
DS2406 DALLAS-DS2406 Datasheet
156Kb / 30P
   Dual Addressable Switch Plus 1K-Bit Memory
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
DS1992 MAXIM-DS1992 Datasheet
326Kb / 17P
   1Kb/4Kb Memory iButton짰
REV: 101408
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
   1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com