Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2431 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2431
Description  1024-Bit, 1-Wire EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2431 Datasheet HTML 3Page - Maxim Integrated Products DS2431 Datasheet HTML 4Page - Maxim Integrated Products DS2431 Datasheet HTML 5Page - Maxim Integrated Products DS2431 Datasheet HTML 6Page - Maxim Integrated Products DS2431 Datasheet HTML 7Page - Maxim Integrated Products DS2431 Datasheet HTML 8Page - Maxim Integrated Products DS2431 Datasheet HTML 9Page - Maxim Integrated Products DS2431 Datasheet HTML 10Page - Maxim Integrated Products DS2431 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1024-Bit, 1-Wire EEPROM
_______________________________________________________________________________________
7
Memory Access
Data memory and registers are located in a linear
address space, as shown in Figure 5. The data memory
and the registers have unrestricted read access. The
DS2431 EEPROM array consists of 18 rows of 8 bytes
each. The first 16 rows are divided equally into four
memory pages (32 bytes each). These four pages are
the primary data memory. Each page can be individu-
ally set to open (unprotected), write protected, or
EPROM mode by setting the associated protection byte
in the register row. The last two rows contain protection
registers and reserved bytes. The register row consists
of 4 protection control bytes, a copy-protection byte,
the factory byte, and 2 user byte/manufacture ID bytes.
The manufacturer ID can be a customer-supplied iden-
tification code that assists the application software in
identifying the product the DS2431 is associated with.
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X8 + X5 + X4 + 1
INPUT DATA
X5
X6
X7
X8
Figure 4. 1-Wire CRC Generator
ADDRESS RANGE
TYPE
DESCRIPTION
PROTECTION CODES
0000h to 001Fh
R/(W)
Data Memory Page 0
0020h to 003Fh
R/(W)
Data Memory Page 1
0040h to 005Fh
R/(W)
Data Memory Page 2
0060h to 007Fh
R/(W)
Data Memory Page 3
0080h*
R/(W)
Protection Control Byte Page 0
55h: Write Protect P0; AAh: EPROM Mode P0;
55h or AAh: Write Protect 80h
0081h*
R/(W)
Protection Control Byte Page 1
55h: Write Protect P1; AAh: EPROM Mode P1;
55h or AAh: Write Protect 81h
0082h*
R/(W)
Protection Control Byte Page 2
55h: Write Protect P2; AAh: EPROM Mode P2;
55h or AAh: Write Protect 82h
0083h*
R/(W)
Protection Control Byte Page 3
55h: Write Protect P3; AAh: EPROM Mode P3;
55h or AAh: Write Protect 83h
0084h*
R/(W)
Copy Protection Byte
55h or AAh: Copy Protect 0080h:008Fh, and Any
Write-Protected Pages
0085h
R
Factory Byte. Set at Factory.
AAh: Write Protect 85h, 86h, 87h;
55h: Write Protect 85h; Unprotect 86h, 87h
0086h
R/(W)
User Byte/Manufacturer ID
0087h
R/(W)
User Byte/Manufacturer ID
0088h to 008Fh
Reserved
Figure 5. Memory Map
*
Once programmed to AAh or 55h this address becomes read only. All other codes can be stored, but neither write protect the
address nor activate any function.


Similar Part No. - DS2431

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431 MAXIM-DS2431 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431 Datasheet
392Kb / 26P
   1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Rev 10; 3/11
DS2431 MAXIM-DS2431 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
More results

Similar Description - DS2431

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com