Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2756E+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2756E+
Description  High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2756E+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2756E+ Datasheet HTML 2Page - Maxim Integrated Products DS2756E+ Datasheet HTML 3Page - Maxim Integrated Products DS2756E+ Datasheet HTML 4Page - Maxim Integrated Products DS2756E+ Datasheet HTML 5Page - Maxim Integrated Products DS2756E+ Datasheet HTML 6Page - Maxim Integrated Products DS2756E+ Datasheet HTML 7Page - Maxim Integrated Products DS2756E+ Datasheet HTML 8Page - Maxim Integrated Products DS2756E+ Datasheet HTML 9Page - Maxim Integrated Products DS2756E+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DS2756: High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
6 of 27
POWER MODES
The DS2756 has three power modes: Active, Suspend and Sleep. While in Active mode, the DS2756 continuously
measures voltage, temperature, current, accumulated current, and monitors for an under voltage condition. In
Suspend and Sleep
modes, the DS2756 ceases these activities. During Suspend, the DQ input buffer is active and
a low power oscillator runs. In Sleep mode, only the DQ input buffer is active.
The DS2756 enters Suspend mode when PMOD = 1 AND all of the following conditions are true:
the DQ line is low for longer than tSLEEP
the Programmable Interval Enable (PIE) bits in the Status Register are set to a non-zero value
(PIE =01b, 10b or 11b)
Current register value is less than the Charge Suspend Threshold AND greater than the Discharge
Suspend Threshold
Periodically, when a Suspend Period time out occurs, the DS2756 temporarily cycles from Suspend to Active mode
in order to measure current. When the current measurement completes, the result is evaluated against the user
programmed Charge and Discharge Suspend Thresholds. If the Current measurement result does not cross either
threshold, the DS2756 transitions back to Suspend. If the measurement shows that more current is flowing than the
level of either threshold, the DS2756 signals a suspend interrupt by driving the PIO pin low, then remains in Active
mode continuing normal Active mode operation.
The DS2756 enters Sleep mode when PMOD = 1 AND either of the following conditions are true:
the DQ line is low for longer than tSLEEP (minimum 2.1s) AND PIE = 00b
the UVEN bit in the Status Register is set to 1 AND the voltage on VIN drops below undervoltage threshold
VUV for tUVD (VIN measurement and comparison to VUV, and tUVD timeout occur in normal Active mode and
temporary Active mode cycle from Suspend mode)
The DS2756 returns to Active mode from Suspend or Sleep mode whenever the DQ line is pulled from a low-to-
high state.
The factory default for the DS2756 is UVEN = 0, PMOD = 0 and PIE = 00b. The DS2756 defaults to Active mode
when power is first applied.
CURRENT MEASUREMENT AND ACCUMULATION
The DS2756 current measurement system is designed to provide timely data on charge and discharge current at a
moderate resolution level while simultaneously accumulating high resolution average data to support accurate
coulomb counting. Current is measured with an Analog-to-Digital Converter (ADC) by sampling the voltage drop
across a series sense resistor, RSNS, connected between SNS and VSS. Individual current samples are taken every
687
s (1456-1 Hz). Multiple samples are averaged to report Current and Average Current values, and accumulated
for coulomb counting.
Current Measurement
The voltage signal developed across the sense resistor (between SNS and VSS) is differentially sampled by the
ADC inputs through internal 10kΩ resistors connected between VSSand IS1, and SNS and IS2. Isolating the ADC
inputs (IS1 and IS2 pins) from the sense resistor with 10k
 facilitates the use of an RC filter by adding a single
external capacitor. The RC filter extends the input range beyond ±64mV in pulse load or pulse charge applications.
The ADC accurately measures large peak signals as long as the differential signal level at IS1 and IS2 does not
exceed ±64mV.
The Current register operates in two modes, normal and snapshot. In normal mode, the Current register reports the
average of 128 individual current samples every 88ms. The reported value represents the average current during
the 88ms measurement period. The Average Current register reports the average of 4096 current samples and is
updated every 2.8s.
In snapshot mode, the Current register holds the current measured immediately following the snapshot trigger.
Current measurements resume immediately after the snapshot value is obtained, however, the SNAP bit must be
cleared to re-enable normal mode current reporting in the Current register. The Average Current register continues
to be updated while the SNAP bit is set. Current accumulation also continues while SNAP is set. Although a small


Similar Part No. - DS2756E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756E++ MAXIM-DS2756E+ Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
DS2756E+TR MAXIM-DS2756E+TR Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
More results

Similar Description - DS2756E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
logo
Dallas Semiconductor
DS2755 DALLAS-DS2755 Datasheet
240Kb / 20P
   High-Accuracy Battery Fuel Gauge with Snapshot
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2792 MAXIM-DS2792 Datasheet
418Kb / 40P
   Programmable Fuel Gauge with UART Interface
REV: 021607
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com