Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2780 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2780
Description  Standalone Fuel Gauge IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2780 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2780 Datasheet HTML 2Page - Maxim Integrated Products DS2780 Datasheet HTML 3Page - Maxim Integrated Products DS2780 Datasheet HTML 4Page - Maxim Integrated Products DS2780 Datasheet HTML 5Page - Maxim Integrated Products DS2780 Datasheet HTML 6Page - Maxim Integrated Products DS2780 Datasheet HTML 7Page - Maxim Integrated Products DS2780 Datasheet HTML 8Page - Maxim Integrated Products DS2780 Datasheet HTML 9Page - Maxim Integrated Products DS2780 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS2780 Standalone Fuel Gauge IC
6 of 31
Figure 2. Multicell Application Example
DQ
SNS
VDD
VSS
RSNS
PK+
PK-
DATA
Protection
Circuit
PIO
150
150
PIO
Multi-Cell
Li-Ion
Battery
0.1uF
OVD
VIN
(n * R)
(1)
(1)
(1) Components improve IEC1004 Air/Contact ESD compliance
R
4.7uF
0.1uF
500
Figure 3. Inside Protector Example
PROTECTOR CIRCUIT LOCATION
The battery protection circuitry can be located inside or outside the DS2780. Either location is acceptable but there
are some advantages and disadvantages to both. With the protection circuit located inside, see Figure 2 and
Typical Operating Circuit on page 1, the DS2780 will loose power in a circuit protection event. The DS2780 stores
DQ
SNS
VDD
VSS
RSNS
PK+
PK-
DATA
Protection
Circuit
DS2780
PIO
150
150
PIO
Li-Ion
Battery
0.1uF
OVD
VIN
1K
500
(1)
(1)
(1) Precaution must be taken to ensure that a charge path is not created from
PK+ to Data or PIO.


Similar Part No. - DS2780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2781E MAXIM-DS2781E Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2781E++ MAXIM-DS2781E+ Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2781E+T&R MAXIM-DS2781E+T&R Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2781E+TR MAXIM-DS2781E+TR Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
More results

Similar Description - DS2780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786 MAXIM-DS2786 Datasheet
347Kb / 21P
   Standalone OCV-Based Fuel Gauge
050907
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
logo
Mitsumi Electronics, Co...
MM3556 MITSUMI-MM3556 Datasheet
97Kb / 4P
   Fuel Gauge IC for Li-ion Battery
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com