Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2782 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2782
Description  Stand-Alone Fuel Gauge IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2782 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2782 Datasheet HTML 5Page - Maxim Integrated Products DS2782 Datasheet HTML 6Page - Maxim Integrated Products DS2782 Datasheet HTML 7Page - Maxim Integrated Products DS2782 Datasheet HTML 8Page - Maxim Integrated Products DS2782 Datasheet HTML 9Page - Maxim Integrated Products DS2782 Datasheet HTML 10Page - Maxim Integrated Products DS2782 Datasheet HTML 11Page - Maxim Integrated Products DS2782 Datasheet HTML 12Page - Maxim Integrated Products DS2782 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DS2782
9 of 28
AVERAGE CURRENT MEASUREMENT
The Average Current register reports an average current level over the preceding 28 seconds. The register value is
updated every 28s in two’s complement form, and is the average of the 8 preceding Current register updates. The
format of the Average Current register is shown in Figure 7. Charge currents above the maximum register value
are reported at the maximum value (7FFFh = +51.2mV). Discharge currents below the minimum register value are
reported at the minimum value (8000h = -51.2mV).
Figure 7. Average Current Register Format
IAVG
R/W
MSB—Address 08h
LSB—Address 09h
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
“S”: sign bit(s)
Units:
1.5625
V/Rsns
CURRENT OFFSET CORRECTION
Every 1024th conversion, the ADC measures its input offset to facilitate offset correction. Offset correction occurs
approximately once per hour. The resulting correction factor is applied to the subsequent 1023 measurements.
During the offset correction conversion, the ADC does not measure the sense resistor signal. A maximum error of
1/1024 in the accumulated current register (ACR) is possible; however, to reduce the error, the current
measurement made just prior to the offset conversion is displayed in the current register and is substituted for the
dropped current measurement in the current accumulation process. This results in an accumulated current error
due to offset correction of less than 1/1024.
CURRENT MEASUREMENT CALIBRATION
The DS2782’s current measurement gain can be adjusted through the RSGAIN register, which is factory-calibrated
to meet the data sheet specified accuracy. RSGAIN is user accessible and can be reprogrammed after module or
pack manufacture to improve the current measurement accuracy. Adjusting RSGAIN can correct for variation in an
external sense resistor’s nominal value, and allows the use of low-cost, non-precision current sense resistors.
RSGAIN is an 11-bit value stored in 2 bytes of the Parameter EEPROM Memory Block. The RSGAIN value adjusts
the gain from 0 to 1.999 in steps of 0.001 (precisely 2
-10). The user must program RSGAIN cautiously to ensure
accurate current measurement. When shipped from the factory, the gain calibration value is stored in two separate
locations in the Parameter EEPROM Block: RSGAIN, which is reprogrammable, and FRSGAIN, which is read only.
RSGAIN determines the gain used in the current measurement. The read-only FRSGAIN is provided to preserve
the factory value only and is not used in the current measurement.
SENSE RESISTOR TEMPERATURE COMPENSATION
The DS2782 is capable of temperature compensating the current sense resistor to correct for variation in a sense
resistor’s value over temperature. The DS2782 is factory programmed with the sense resistor temperature
coefficient, RSTC, set to zero, which turns off the temperature compensation function. RSTC is user accessible
and can be reprogrammed after module or pack manufacture to improve the current accuracy when using a high
temperature coefficient current-sense resistor. RSTC is an 8-bit value stored in the Parameter EEPROM Memory
Block. The RSTC value sets the temperature coefficient from 0 to +7782ppm/ºC in steps of 30.5ppm/ºC. The user
must program RSTC cautiously to ensure accurate current measurement.
Temperature compensation adjustments are made when the Temperature register crosses 0.5
oC boundaries. The
temperature compensation is most effective with the resistor placed as close as possible to the VSS terminal to
optimize thermal coupling of the resistor to the on-chip temperature sensor. If the current shunt is constructed with
a copper PCB trace, run the trace under the DS2782 package if possible.


Similar Part No. - DS2782

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782E++ MAXIM-DS2782E+ Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782E+R MAXIM-DS2782E+R Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782E+T MAXIM-DS2782E+T Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
More results

Similar Description - DS2782

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com