Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2780E+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2780E+
Description  Standalone Fuel Gauge IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2780E+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2780E+ Datasheet HTML 6Page - Maxim Integrated Products DS2780E+ Datasheet HTML 7Page - Maxim Integrated Products DS2780E+ Datasheet HTML 8Page - Maxim Integrated Products DS2780E+ Datasheet HTML 9Page - Maxim Integrated Products DS2780E+ Datasheet HTML 10Page - Maxim Integrated Products DS2780E+ Datasheet HTML 11Page - Maxim Integrated Products DS2780E+ Datasheet HTML 12Page - Maxim Integrated Products DS2780E+ Datasheet HTML 13Page - Maxim Integrated Products DS2780E+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DS2780 Standalone Fuel Gauge IC
10 of 31
current measurement and the conversion timebase. The ACR has a range of 0 to 409.6mVh with an LSb of
6.25
Vh. Additional read-only registers (ACRL) hold fractional results of each accumulation to avoid truncation
errors. Accumulation of charge current above the maximum register value is reported at the maximum register
value (7FFFh); conversely, accumulation of discharge current below the minimum register value is reported at the
minimum value (8000h).
Charge currents (positive Current register values) less than 100
V are not accumulated in order to mask the effect
of accumulating small positive offset errors over long periods. This limits the minimum charge current, for coulomb-
counting purposes, to 5mA for RSNS = 0.020
 and 20mA for RSNS = 0.005.
Read and write access is allowed to the ACR. The ACR must be written MSByte first then LSByte. The write must
be completed within 3.515s (one ACR register update period). A write to the ACR forces the ADC to perform an
offset correction conversion and update the internal offset correction factor. Current measurement and
accumulation begins with the second conversion following a write to the ACR. Writing the ACR clears the fractional
values in the ACRL. The format of the ACR is shown in Figure 8, and the ACRL is shown in Figure 9.
To preserve the ACR value in case of power loss, it is backed up to EEPROM. The ACR value is recovered from
EEPROM on power-up. See the Memory Map in Table 2 for specific address location and backup frequency.
Figure 8. Accumulated Current Register Format, ACR
ACR
R/W & EE
MSB—Address 10h
LSB—Address 11h
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
Units:
6.25
Vh/Rsns
Figure 9. Fractional/Low Accumulated Current Register Format, ACRL
ACRL
Read Only
MSB—Address 12h
LSB—Address 13h
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
MSb
LSb
MSb
LSb
“X”: reserved
Units:1.526nVHr/RSNS
ACR LSb
RSNS
VSS -
VSNS
20m
15m
10m
5m
6.25
Vh
312.5
Ah
416.7
Ah
625
Ah
1.250mAh


Similar Part No. - DS2780E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2781E MAXIM-DS2781E Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2781E++ MAXIM-DS2781E+ Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2781E+T&R MAXIM-DS2781E+T&R Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2781E+TR MAXIM-DS2781E+TR Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
More results

Similar Description - DS2780E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786 MAXIM-DS2786 Datasheet
347Kb / 21P
   Standalone OCV-Based Fuel Gauge
050907
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
logo
Mitsumi Electronics, Co...
MM3556 MITSUMI-MM3556 Datasheet
97Kb / 4P
   Fuel Gauge IC for Li-ion Battery
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com