Electronic Components Datasheet Search |
|
V150A15M400BF Datasheet(PDF) 5 Page - Vicor Corporation |
|
V150A15M400BF Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 150V Maxi Family Rev. 2.0 Page 5 of 13 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 86.2 87.6 % Nominal input; full load; 25°C Ripple and noise 385 482 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 13.7 14.3 14.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11.3 12.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 41.67 Amps Current limit 42.5 48 56.3 Amps Output voltage 95% of nominal Short circuit current 29.1 48 56.3 Amps Output voltage <250 mV 12 Vout, 500 W (e.g. V150A12C500BL) Parameter Min Typ Max Unit Notes Efficiency 86.6 87.5 % Nominal input; full load; 25°C Ripple and noise 264 330 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 13.7 14.3 14.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11 12.9 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 33.33 Amps Current limit 33.9 38.3 45 Amps Output voltage 95% of nominal Short circuit current 23.3 38.3 45 Amps Output voltage <250 mV 12 Vout, 400 W (e.g. V150A12C400BL) Parameter Min Typ Max Unit Notes Efficiency 85 86.3 % Nominal input; full load; 25°C Ripple and noise 280 350 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 13.4 15 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 33.33 Amps Current limit 33.9 38.3 45 Amps Output voltage 95% of nominal Short circuit current 23.3 38.3 45 Amps Output voltage <250 mV 15 Vout, 500 W (e.g. V150A15C500BL) Parameter Min Typ Max Unit Notes Efficiency 85 88.6 % Nominal input; full load; 25°C Ripple and noise 180 225 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11.5 12.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 26.67 Amps Current limit 27.2 30.7 36.1 Amps Output voltage 95% of nominal Short circuit current 18.6 30.7 36.1 Amps Output voltage <250 mV 15 Vout, 400 W (e.g. V150A15C400BL) Parameter Min Typ Max Unit Notes Efficiency 85 86.2 % Nominal input; full load; 25°C Ripple and noise 220 275 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.9 9.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 37.5 Amps Current limit 38.2 43.1 50.7 Amps Output voltage 95% of nominal Short circuit current 26.2 43.1 50.7 Amps Output voltage <250 mV 8 Vout, 300 W (e.g. V150A8C300BL) |
Similar Part No. - V150A15M400BF |
|
Similar Description - V150A15M400BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |