Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2788 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2788
Description  Stand-Alone Fuel-Gauge IC with LED Display Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2788 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2788 Datasheet HTML 3Page - Maxim Integrated Products DS2788 Datasheet HTML 4Page - Maxim Integrated Products DS2788 Datasheet HTML 5Page - Maxim Integrated Products DS2788 Datasheet HTML 6Page - Maxim Integrated Products DS2788 Datasheet HTML 7Page - Maxim Integrated Products DS2788 Datasheet HTML 8Page - Maxim Integrated Products DS2788 Datasheet HTML 9Page - Maxim Integrated Products DS2788 Datasheet HTML 10Page - Maxim Integrated Products DS2788 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
nection or system shutdown, in which no charge or dis-
charge current flows. A PMOD SLEEP condition transi-
tions back to ACTIVE mode when DQ is pulled high.
The second option for entering SLEEP is an undervolt-
age condition. When the UVEN bit is set, the DS2788
transitions to SLEEP if the voltage on VIN is less than
VSLEEP (2.45V nominal) and DQ is stable at a low or
high logic level for tSLEEP. An undervoltage condition
occurs when a pack is fully discharged, where loading
on the battery should be minimized. UVEN SLEEP
relieves the battery of the IACTIVE load until communi-
cation on DQ resumes.
Note: PMOD and UVEN SLEEP features must be dis-
abled when a battery is charged on an external charger
that does not connect to the DQ pin. PMOD SLEEP can
be used if the charger pulls DQ high. UVEN SLEEP can
be used if the charger toggles DQ. The DS2788
remains in SLEEP and therefore does not measure or
accumulate current when a battery is charged on a
charger that fails to properly drive DQ.
Initiating Communication
in Sleep
When beginning communication with a DS2788 in
PMOD SLEEP, DQ must be pulled up first and then a
1-Wire reset pulse must be issued by the master. In
UVEN SLEEP, the procedure depends on the state of
DQ when UVEN SLEEP was entered. If DQ was low,
DQ must be pulled up and then a 1-Wire reset pulse
must be issued by the master as with PMOD SLEEP. If
DQ was high when UVEN SLEEP was entered, then the
DS2788 is prepared to receive a 1-Wire reset from the
master. In the first two cases with DQ low during
SLEEP, the DS2788
does not respond to the first rising
edge of DQ with a presence pulse.
Voltage Measurement
Battery voltage is measured at the VIN input with
respect to VSS over a range of 0 to 4.5V, with a resolu-
tion of 4.88mV. The result is updated every 440ms and
placed in the Voltage (VOLT) register in two’s comple-
ment form. Voltages above the maximum register value
are reported at the maximum value; voltages below the
minimum register value are reported at the minimum
value. Figure 3 shows the format of the Voltage register.
VIN is usually connected to the positive terminal of a
single-cell Li+ battery by a 1k
Ω resistor. The input
impedance is sufficiently large (15M
Ω) to be connected
to a high-impedance voltage-divider in order to support
multiple-cell applications. The pack voltage should be
divided by the number of series cells to present a sin-
gle-cell average voltage to the VIN input. In Figure 2,
the value of R can be up to 1M
Ω without incurring sig-
nificant error due to input loading. The VMA pin is dri-
ven high tPRE before the voltage conversion begins.
This allows an external switching element to enable the
voltage-divider, and allows settling to occur before the
start of the conversion.
Stand-Alone Fuel-Gauge IC with
LED Display Drivers
_______________________________________________________________________________________
7
VOLT
READ ONLY
MSB—ADDRESS 0Ch
LSB—ADDRESS 0Dh
S
29
28
27
26
25
24
23
22
21
20
X
X
X
X
X
MSb
LSb
MSb
LSb
“S”: SIGN BIT(S), “X”: RESERVED
UNITS: 4.88mV
Figure 3. Voltage Register Format


Similar Part No. - DS2788

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788E++ MAXIM-DS2788E+ Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788E+TR MAXIM-DS2788E+TR Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
More results

Similar Description - DS2788

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com