Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3101GN+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3101GN+
Description  Stratum 2/3E/3 Timing Card IC
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3101GN+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3101GN+ Datasheet HTML 2Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 3Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 4Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 5Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 6Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 7Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 8Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 9Page - Maxim Integrated Products DS3101GN+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 150 page
background image
DS3101
19-4596; Rev 4; 5/09
6 of 150
1.
STANDARDS COMPLIANCE
Table 1-1. Applicable Telecom Standards
SPECIFICATION
SPECIFICATION TITLE
ANSI
T1.101
Synchronization Interface Standard, 1999
T1.102
Digital Hierarchy—Electrical Interfaces, 1993
TIA/EIA-644-A
Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits, 2001
ETSI
EN 300 417-6-1
Transmission and Multiplexing (TM); Generic Requirements of Transport Functionality of
Equipment; Part 6-1: Synchronization Layer Functions, v1.1.3 (1999-05)
EN 300 462-3-1
Transmission and Multiplexing (TM); Generic Requirements for Synchronization Networks;
Part 3-1: The Control of Jitter and Wander within Synchronization Networks, v1.1.1 (1998-05)
EN 300 462-5-1
Transmission and Multiplexing (TM); Generic Requirements for Synchronization Networks;
Part 5-1: Timing Characteristics of Slave Clocks Suitable for Operation in Synchronous Digital
Hierarchy (SDH) Equipment, v1.1.1 (1998-05)
IEEE
IEEE 1149.1
Standard Test Access Port and Boundary-Scan Architecture, 1990
ITU-T
G.781
Synchronization Layer Functions (06/1999)
G.783
ITU G.783 Characteristics of Synchronous Digital Hierarchy (SDH) Equipment Functional
Blocks (10/2000 plus Amendment 1 06/2002 and Corrigendum 2 03/2003)
G.812
Timing Requirements of Slave Clocks Suitable for Use as Node Clocks in Synchronization
Networks (06/1998)
G.813
Timing characteristics of SDH equipment slave clocks (SEC) (03/2003)
G.823
The Control of Jitter and Wander within Digital Networks which are Based on the 2048kbps
Hierarchy (03/2000)
G.824
The Control of Jitter and Wander within Digital Networks which are Based on the 1544kbps
Hierarchy (03/2000)
G.825
The Control of Jitter and Wander within Digital Networks which are Based on the
Synchronous Digital Hierarchy (SDH) (03/2000)
G.8262
Timing characteristics of synchronous Ethernet equipment slave clock (EEC) (08/2007)
TELCORDIA
GR-253-CORE
SONET Transport Systems: Common Generic Criteria, Issue 3, September 2000
GR-378-CORE
Generic Requirements for Timing Signal Generators, Issue 2, February 1999
GR-1244-CORE
Clocks for the Synchronized Network: Common Generic Criteria, Issue 2, December 2000


Similar Part No. - DS3101GN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3101GN++ DALLAS-DS3101GN+ Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
More results

Similar Description - DS3101GN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Maxim Integrated Produc...
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com