Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3105LN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3105LN
Description  Line Card Timing IC
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105LN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3105LN Datasheet HTML 3Page - Maxim Integrated Products DS3105LN Datasheet HTML 4Page - Maxim Integrated Products DS3105LN Datasheet HTML 5Page - Maxim Integrated Products DS3105LN Datasheet HTML 6Page - Maxim Integrated Products DS3105LN Datasheet HTML 7Page - Maxim Integrated Products DS3105LN Datasheet HTML 8Page - Maxim Integrated Products DS3105LN Datasheet HTML 9Page - Maxim Integrated Products DS3105LN Datasheet HTML 10Page - Maxim Integrated Products DS3105LN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
7 of 120
2.
Application Example
Figure 2-1. Typical Application Example
To SONET/SDH framers,
Clock Multiplying APLLs, etc.
on the Line Card
T0 DPLL
Input Clock
Selector,
Divider,
Monitor
From Master Timing Card
IC3
IC4
OC3
19.44 MHz
OC6
prog. bandwidth,
phase build-out,
holdover, etc.
DS3105
Output
Clock
Synthesizer
and Selector
19.44 MHz
155.52MHz differential
19.44 MHz
XO or
TCXO
From Slave Timing Card


Similar Part No. - DS3105LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105LN MAXIM-DS3105LN Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
More results

Similar Description - DS3105LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
   Line Card Timing IC
Rev 3; 5/09
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
   Cyclic timing IC
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com