Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3105LN+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS3105LN+
Description  Line Card Timing IC
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105LN+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS3105LN+ Datasheet HTML 6Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 7Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 8Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 9Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 10Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 11Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 12Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 13Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
10 of 120
5.
Detailed Features
5.1
Input Clock Features
Five input clocks: three CMOS/TTL (≤ 125MHz) and two LVDS/LVPECL/CMOS/TTL (≤ 156.25MHz)
CMOS/TTL input clocks accept any multiple of 2kHz up to 125MHz
LVDS/LVPECL inputs accept any multiple of 2kHz up to 131.072MHz, any multiple of 8kHz up to
155.52MHz plus 156.25MHz
All input clocks are constantly monitored by programmable activity monitors
Fast activity monitor can disqualify the selected reference after two missing clock cycles
Three optional 2/4/8kHz frame-sync inputs for frame-sync signals from master and slave timing cards and
an optional backup timing source
5.2
T0 DPLL Features
High-resolution DPLL plus three low-jitter output APLLs
Sophisticated state machine automatically transitions between free-run, locked, and holdover states
Revertive or nonrevertive reference selection algorithm
Programmable bandwidth from 18Hz to 400Hz
Separately configurable acquisition bandwidth and locked bandwidth
Programmable damping factor to balance lock time with peaking: 1.2, 2.5, 5, 10, or 20
Multiple phase detectors: phase/frequency, early/late, and multicycle
Phase/frequency locking (
360 capture) or nearest edge phase locking (180 capture)
Multicycle phase detection and locking (up to
8191UI) improves jitter tolerance and lock time
Phase build-out in response to reference switching
Less than 5ns output clock phase transient during phase build-out
Output phase adjustment up to
200ns in 6ps steps with respect to selected input reference
High-resolution frequency and phase measurement
Holdover frequency averaging over 1 second interval
Fast detection of input clock failure and transition to holdover mode
Low-jitter frame sync (8kHz) and multiframe sync (2kHz) aligned with output clocks
5.3
T4 DPLL Features
High-resolution DPLL can be used to monitor inputs
Programmable bandwidth from 18Hz to 70Hz
Programmable damping factor to balance lock time with peaking: 1.2, 2.5, 5, 10, or 20
Multiple phase detectors: phase/frequency, early/late, and multicycle
Phase/frequency locking (
360 capture) or nearest edge phase locking (180 capture)
Multicycle phase detection and locking (up to
8191UI) improves jitter tolerance and lock time
Phase detector can be used to measure phase difference between two input clocks
High-resolution frequency and phase measurement


Similar Part No. - DS3105LN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105LN MAXIM-DS3105LN Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
More results

Similar Description - DS3105LN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
   Line Card Timing IC
Rev 3; 5/09
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
   Cyclic timing IC
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com