Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3105LN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3105LN+
Description  Line Card Timing IC
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105LN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3105LN+ Datasheet HTML 7Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 8Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 9Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 10Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 11Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 12Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 13Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 14Page - Maxim Integrated Products DS3105LN+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
11 of 120
5.4
Output APLL Features
Three separate clock-multiplying, jitter attenuating APLLs can simultaneously produce SONET/SDH rates,
Fast/Gigabit Ethernet rates, and 10G Ethernet rates, all locked to a common reference clock
The T0 APLL has frequency options suitable for N x 19.44MHz, N x DS1, N x E1, N x 25MHz, and
N x 62.5MHz
The T4 APLL has frequency options suitable for N x 19.44MHz, N x DS1, N x E1, N x DS2, DS3, E3,
N x 10MHz, N x 10.24MHz, N x 13MHz, N x 25MHz, and N x 62.5MHz
The T0 APLL2 produces 312.5MHz for 10G Synchronous Ethernet applications
5.5
Output Clock Features
Two output clocks: one CMOS/TTL (≤ 125MHz) and one LVDS/LVPECL (≤ 312.50MHz)
Output clock rates include 2kHz, 8kHz, N x DS1, N x E1, DS2, DS3, E3, 6.48MHz, 19.44MHz, 38.88MHz,
51.84MHz, 77.76MHz, 155.52MHz, 311.04MHz, 2.5MHz, 25MHz, 125MHz, 156.25MHz, 312.50MHz,
10MHz, 10.24MHz, 13MHz, 30.72MHz, and various multiples and submultiples of these rates
Custom clock rates also available: any multiple of 2kHz up to 77.76MHz, any multiple of 8kHz up to 311.04MHz,
and any multiple of 10kHz up to 388.79MHz
All outputs have < 1ns peak-to-peak output jitter; outputs from APLLs have < 0.5ns peak-to-peak
8kHz frame-sync and 2kHz multiframe-sync outputs have programmable polarity and pulse width, and can
be disciplined by a 2kHz or 8kHz sync input
5.6
General Features
Operates from a single external 12.800MHz local oscillator (XO or TCXO)
SPI serial microprocessor interface
Four general-purpose I/O pins
Register set can be write protected


Similar Part No. - DS3105LN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105LN MAXIM-DS3105LN Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
More results

Similar Description - DS3105LN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
   Line Card Timing IC
Rev 3; 5/09
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
   Cyclic timing IC
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com