Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3503U+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3503U+
Description  NV, I2C, Stepper Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3503U+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3503U+ Datasheet HTML 5Page - Maxim Integrated Products DS3503U+ Datasheet HTML 6Page - Maxim Integrated Products DS3503U+ Datasheet HTML 7Page - Maxim Integrated Products DS3503U+ Datasheet HTML 8Page - Maxim Integrated Products DS3503U+ Datasheet HTML 9Page - Maxim Integrated Products DS3503U+ Datasheet HTML 10Page - Maxim Integrated Products DS3503U+ Datasheet HTML 11Page - Maxim Integrated Products DS3503U+ Datasheet HTML 12Page - Maxim Integrated Products DS3503U+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NV, I2C, Stepper Potentiometer
______________________________________________________________________________________
11
Reading a single byte from a slave: Unlike the write
operation that uses the specified memory address byte
to define where the data is to be written, the read opera-
tion occurs at the present value of the memory address
counter. To read a single byte from the slave, the master
generates a START condition, writes the slave address
byte with R/W = 1, reads the data byte with a NACK to
indicate the end of the transfer, and generates a STOP
condition. However, because requiring the master to
keep track of the memory address counter is impracti-
cal, the following method should be used to perform
reads from a specified memory location.
Manipulating the address counter for reads: A dummy
write cycle can be used to force the address counter to a
particular value. To do this the master generates a
START condition, writes the slave address byte (R/W =
0), writes the memory address where it desires to read,
generates a repeated START condition, writes the slave
address byte (R/W = 1), reads data with ACK or NACK
as applicable, and generates a STOP condition.
See Figure 3 for a read example using the repeated
START condition to specify the starting memory location.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3503,
decouple both the power-supply pin (VCC) and the
wiper-bias voltage pin (V+) with a 0.01µF or 0.1µF
capacitor. Use a high-quality ceramic surface-mount
capacitor if possible. Surface-mount components mini-
mize lead inductance, which improves performance,
and ceramic capacitors tend to have adequate high-
frequency response for decoupling applications.
SDA and SCL Pullup Resistors
SDA is an I/O with an open-collector output that
requires a pullup resistor to realize high-logic levels. A
master using either an open-collector output with a
pullup resistor or a push-pull output driver must be
used for SCL. Pullup resistor values should be chosen
to ensure that the rise and fall times listed in the
I2C AC
Electrical Characteristics are within specification. A typ-
ical value for the pullup resistors is 4.7k
Ω.
SLAVE
ADDRESS
START
START
0
1
0
1
0
0
0
R/W
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE-BYTE WRITE
-WRITE STEP CONTROL
REGISTER (SCR) TO 1Fh
SINGLE-BYTE READ
-READ CONTROL REGISTER (CR)
START
REPEATED
START
51h
MASTER
NACK
STOP
01010000
00000 010
02h
01010 001
01010000
00000 001
00011111
50h
01h
1Fh
STOP
DATA
EXAMPLE I2C TRANSACTIONS
TYPICAL I2C WRITE TRANSACTION
50h
A)
B)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
Figure 3. I2C Communication Examples


Similar Part No. - DS3503U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3503U++ MAXIM-DS3503U+ Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503U+TR MAXIM-DS3503U+TR Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
More results

Similar Description - DS3503U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com