Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4432U+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4432U+TR
Description  Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4432U+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4432U+TR Datasheet HTML 1Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 2Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 3Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 4Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 5Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 6Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 7Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 8Page - Maxim Integrated Products DS4432U+TR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual-Channel, I2C, 7-Bit Sink/Source
Current DAC
________________________________________________________________
Maxim Integrated Products
1
Rev 0; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS4432 contains two I2C programmable current
DACs that are each capable of sinking and sourcing
current up to 200µA. Each DAC output has 127 sink
and 127 source settings that are programmed using the
I2C interface. The current DAC outputs power up in a
high-impedance state.
Applications
Power-Supply Adjustment
Power-Supply Margining
Adjustable Current Sink or Source
Features
♦ Two Current DACs
♦ Full-Scale Current 50µA to 200µA
♦ Full-Scale Range for Each DAC Determined by
External Resistors
♦ 127 Settings Each for Sink and Source Modes
♦ I2C-Compatible Serial Interface
♦ Low Cost
♦ Small Package (8-Pin µSOP)
♦ -40°C to +85°C Temperature Range
♦ 2.7V to 5.5V Operating Range
DC-DC
CONVERTER
FB
OUT
SDA
SCL
OUT0
OUT1
GND
RFS0
RFS1
4.7k
Ω
4.7k
Ω
VCC
VCC
VOUT0
FS0
FS1
R0B
R0A
DC-DC
CONVERTER
FB
OUT
VOUT1
R1B
R1A
DS4432
Typical Operating Circuit
Ordering Information
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
PART
TEMP RANGE
PIN-PACKAGE
DS4432U+
-40°C to +85°C
8 μSOP
DS4432U+T&R
-40°C to +85°C
8 μSOP
TOP VIEW
+
DS4432
μSOP
2
7
OUT1
SCL
18
VCC
SDA
OUT0
FS1
3
6
FS0
GND
4
5
Pin Configuration


Similar Part No. - DS4432U+TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS44304 ETC2-DS44304 Datasheet
816Kb / 1P
   DATA SHEET 44304 EI 54X18.8
More results

Similar Description - DS4432U+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Nuvoton Technology Corp...
NCT3933U NUVOTON-NCT3933U Datasheet
819Kb / 24P
   3-Channel, SMBusTM, 7-Bit Sink/Source Current DAC
June, 2013 Revision A2
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Analog Devices
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com