Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8314L-RRX+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS8314L-RRX+
Description  Smart Card Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8314L-RRX+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS8314L-RRX+ Datasheet HTML 5Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 6Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 7Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 8Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 9Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 10Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 11Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 12Page - Maxim Integrated Products DS8314L-RRX+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Voltage Supervisor
The voltage supervisor monitors the VDD supply. A
220µs reset pulse (tW) is used internally to keep the
device inactive during power-on or power-off of the
VDD supply. See Figure 2.
The DS8313/DS8314 card interface remains inactive
regardless of the levels on the command lines until
duration tW after VDD has reached a level higher than
VTH2 + VHYS2. When VDD falls below VTH2, the
DS8313/DS8314 execute a card deactivation sequence
if their card interface is active.
Clock Circuitry
The card clock signal (CLK) is derived from a clock sig-
nal input to XTAL1 or from a crystal operating at up to
20MHz connected between XTAL1 and XTAL2. The
output clock frequency of CLK is selectable through
inputs CLKDIV1 and CLKDIV2. The CLK signal frequen-
cy can be fXTAL, fXTAL/2, fXTAL/4, or fXTAL/8. See Table
1 for the frequency generated on the CLK signal given
the inputs to CLKDIV1 and CLKDIV2.
Note that CLKDIV1 and CLKDIV2 must not be changed
simultaneously; a delay of 10ns minimum between
changes is needed. The minimum duration of any state
of CLK is eight periods of XTAL1.
The frequency change is synchronous: during a transition
of the clock divider, no pulse is shorter than 45% of the
smallest period, and the first and last clock pulses about
the instant of change have the correct width. When
changing the frequency dynamically, the change is effec-
tive for only eight periods of XTAL1 after the command.
The fXTAL duty factor depends on the input signal on
XTAL1. To reach a 45% to 55% duty factor on CLK,
XTAL1 should have a 48% to 52% duty factor with tran-
sition times less than 5% of the period.
With a crystal, the duty factor on CLK can be 45% to
55% depending on the circuit layout and on the crystal
characteristics and frequency. In other cases, the duty
factor on CLK is guaranteed between 45% and 55% of
the clock period.
I/O Transceivers
I/O and I/OIN are pulled high with an 11k
Ω resistor (I/O
to VCC and I/OIN to VDD) in the inactive state. The first
side of the transceiver to receive a falling edge
becomes the master. When a falling edge is detected
(and the master is decided), the detection of falling
edges on the line of the other side is disabled; that side
then becomes a slave. After a time delay tD(EDGE), an n
transistor on the slave side is turned on, thus transmit-
ting the logic 0 present on the master side.
When the master side asserts a logic 1, a p transistor
on the slave side is activated during the time delay tPU
and then both sides return to their inactive (pulled up)
states. This active pullup provides fast low-to-high tran-
sitions. After the duration of tPU, the output voltage
depends only on the internal pullup resistor and the
load current. Current to and from the card I/O lines is
limited internally to 15mA. The maximum frequency on
these lines is 1MHz.
Inactive Mode
The DS8313/DS8314 power up with the card interface
in the inactive mode. Minimal circuitry is active while
waiting for the host to initiate a smart card session.
• All card contacts are inactive (approximately 200
Ω
to GND).
• The I/OIN pin in the high-impedance state (11k
Ω
pullup resistor to VDD).
• Voltage generators are stopped.
• XTAL oscillator is running (if included in the device).
• Voltage supervisor is active.
• The internal oscillator is running at its low frequency.
Activation Sequence
After power-on and the reset delay, the host microcon-
troller can monitor card presence with signals OFF and
CMDVCC, as shown in Table 2.
Smart Card Interface
_______________________________________________________________________________________
9
Table 1. Clock Frequency Selection
CLKDIV1
CLKDIV2
fCLK
0
0
fXTAL/8
0
1
fXTAL/4
1
1
fXTAL/2
1
0
fXTAL
Table 2. Card Presence Indication
OFF
CMDVCC
STATUS
High
High
Card present.
Low
High
Card not present.


Similar Part No. - DS8314L-RRX+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C320-ECD DALLAS-DS83C320-ECD Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS83C320-ECG DALLAS-DS83C320-ECG Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS83C320-ECL DALLAS-DS83C320-ECL Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS83C320-ECR DALLAS-DS83C320-ECR Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS83C320-END DALLAS-DS83C320-END Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
More results

Similar Description - DS8314L-RRX+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com