Electronic Components Datasheet Search |
|
V72A24H400BS Datasheet(PDF) 5 Page - Vicor Corporation |
|
V72A24H400BS Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 72V Maxi Family Rev. 1.7 Page 5 of 11 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 86.5 87.9 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11 12.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 16.67 Amps Current limit 17 19.2 23.4 Amps Output voltage 95% of nominal Short circuit current 11.6 19.2 22.6 Amps Output voltage <250 mV 24 Vout, 400 W (e.g. V72A24C400BL) Parameter Min Typ Max Unit Notes Efficiency 86.3 87.8 % Nominal input; full load; 25°C Ripple and noise 302 378 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 15.6 17.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 14.29 Amps Current limit 14.5 16.4 19.4 Amps Output voltage 95% of nominal Short circuit current 10 16.4 19.4 Amps Output voltage <250 mV 28 Vout, 400W (e.g. V72A28C400BL) Parameter Min Typ Max Unit Notes Efficiency 70 86 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 15.3 16.0 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 11.11 Amps Current limit 11.3 12.8 15 Amps Output voltage 95% of nominal Short circuit current 7.77 12.8 15 Amps Output voltage <250 mV 36 Vout, 400W (e.g. V72A36C400BL) Parameter Min Typ Max Unit Notes Efficiency 85.5 87.5 % Nominal input; full load; 25°C Ripple and noise 250 313 mV p-p; Nominal input; full load; 20MHz bandwith Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 14.9 15.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 8.33 Amps Current limit 8.49 9.58 11.3 Amps Output voltage 95% of nominal Short circuit current 5.83 9.58 11.3 Amps Output voltage <250 mV 48 Vout, 400W (e.g. V72A48C400BL) |
Similar Part No. - V72A24H400BS |
|
Similar Description - V72A24H400BS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |