Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX712 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX712
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX712_08 Datasheet HTML 6Page - Maxim Integrated Products MAX712_08 Datasheet HTML 7Page - Maxim Integrated Products MAX712_08 Datasheet HTML 8Page - Maxim Integrated Products MAX712_08 Datasheet HTML 9Page - Maxim Integrated Products MAX712_08 Datasheet HTML 10Page - Maxim Integrated Products MAX712_08 Datasheet HTML 11Page - Maxim Integrated Products MAX712_08 Datasheet HTML 12Page - Maxim Integrated Products MAX712_08 Datasheet HTML 13Page - Maxim Integrated Products MAX712_08 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
10
______________________________________________________________________________________
Operating Circuit), the diode (D1), and the sense
resistor (RSENSE). This minimum input voltage require-
ment is critical, because violating it can inhibit proper
termination of the fast-charge cycle. A safe rule of
thumb is to choose a source that has a minimum input
voltage = 1.5V + (1.9V x the maximum number of cells
to be charged). When the input voltage at DC IN drops
below the 1.5V + (1.9V x number of cells), the part
oscillates between fast charge and trickle charge and
might never completely terminate fast-charge.
The MAX712/MAX713 are inactive without the wall cube
attached, drawing 5µA (max) from the battery. Diode
D1 prevents current conduction into the DRV pin. When
the wall cube is connected, it charges C1 through R1
(see Typical Operating Circuit) or the current-limiting
diode (Figure 19). Once C1 charges to 5V, the internal
shunt regulator sinks current to regulate V+ to 5V, and
fast charge commences. The MAX712/MAX713 fast
charge until one of the three fast-charge terminating
conditions is triggered.
If DC IN exceeds 20V, add a cascode connection in
series with the DRV pin as shown in Figure 5 to prevent
exceeding DRV’s absolute maximum ratings.
Select the current-limiting component (R1 or D4) to
pass at least 5mA at the minimum DC IN voltage (see
step 6 in the Getting Started section). The maximum
current into V+ determines power dissipation in the
MAX712/MAX713.
maximum current into V+ =
(maximum DC IN voltage - 5V)/R1
power dissipation due to shunt regulator =
5V x (maximum current into V+)
Sink current into the DRV pin also causes power dissipa-
tion. Do not allow the total power dissipation to exceed
the specifications shown in the Absolute Maximum
Ratings.
Fast Charge
The MAX712/MAX713 enter the fast-charge state under
one of the following conditions:
1) Upon application of power (batteries already
installed), with battery current detection (i.e., GND
voltage is less than BATT- voltage), and TEMP
higher than TLO and less than THI and cell voltage
higher than the UVLO voltage.
2) Upon insertion of a battery, with TEMP higher than
TLO and lower than THI and cell voltage higher than
the UVLO voltage.
RSENSE sets the fast-charge current into the battery. In
fast charge, the voltage difference between the BATT-
and GND pins is regulated to 250mV. DRV current
increases its sink current if this voltage difference falls
below 250mV, and decreases its sink current if the volt-
age difference exceeds 250mV.
fast-charge current (IFAST) = 0.25V/RSENSE
Trickle Charge
Selecting a fast-charge current (IFAST) of C/2, C, 2C, or
4C ensures a C/16 trickle-charge current. Other fast-
charge rates can be used, but the trickle-charge
current will not be exactly C/16.
The MAX712/MAX713 internally set the trickle-charge
current by increasing the current amplifier gain (Figure
6), which adjusts the voltage across RSENSE (see
Trickle-Charge VSENSE in the Electrical Characteristics
table).
BATT-
X
V+
OPEN
REF
BATT-
1
0
0
0
0
8
512
256
128
64
CURRENT-SENSE AMPLIFIER
PGM3 FAST_CHARGE Av
1.25V
V+
DC IN
GND
DRV
GND
CC
BATT-
RSENSE
D1
REF
VLIMIT
CELL_VOLTAGE
BATT-
BATT-
IN_REGULATION
C2
Figure 6. Current and Voltage Regulator (linear mode)


Similar Part No. - MAX712_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
More results

Similar Description - MAX712_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com