Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050CEM3-5.0+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # LM4050CEM3-5.0+T
Description  50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050CEM3-5.0+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button LM4050CEM3-5.0+T Datasheet HTML 5Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 6Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 7Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 8Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 9Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 10Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 11Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 12Page - Maxim Integrated Products LM4050CEM3-5.0+T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
9
+25
μA
-25
μA
10mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc07
40
μs/div
ISHUNT = 100
μA ± 25μA
RL = 100k
Ω, SEE FIGURE 1.
+250
μA
-250
μA
10mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc08
10
μs/div
ISHUNT = 1mA
± 250μA
RL = 10k
Ω, SEE FIGURE 1.
Typical Operating Characteristics (continued)
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
+25
μA
-25
μA
2mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc06
10
μs/div
CH1: VGEN 2V/div
CH2: VR AC-COUPLED 2mV/div
ISHUNT = 100
μA ± 25μA, RL = 100kΩ, SEE FIGURE 1.
+2.5mA
-2.5mA
20mV/div
LM4050-2.5V
LOAD-TRANSIENT RESPONSE
LM4050 toc10
10
μs/div
ISHUNT = 10mA
± 2.5mA
RL = 1k
Ω, SEE FIGURE 1.
+2.5mA
-2.5mA
20mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc11
10
μs/div
ISHUNT = 10mA
± 2.5mA
RL = 1k
Ω, SEE FIGURE 1.
+250
μA
-250
μA
10mV/div
LM4050-5.0V
LOAD-TRANSIENT RESPONSE
LM4050 toc09
10
μs/div
ISHUNT = 1mA
± 250μA
RL = 10k
Ω, SEE FIGURE 1.
1k
Ω
VB
+
-
ISHUNT
VR
RL
VGEN
Figure 1. Load-Transient Test Circuit


Similar Part No. - LM4050CEM3-5.0+T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050CEM3-5.0 NSC-LM4050CEM3-5.0 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050CEM3-5.0 TI1-LM4050CEM3-5.0 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050CEM3-5.0 TI-LM4050CEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050CEM3-5.0 TI-LM4050CEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050CEM3-5.0 TI1-LM4050CEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050CEM3-5.0+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com