Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1070 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1070
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1070 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1070_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 11Page - Maxim Integrated Products MAX1070_09 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.5Msps, Single-Supply, Low-Power,
True-Differential, 10-Bit ADCs
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
AIN-
Negative Analog Input
2
REF
External Reference Voltage Input. VREF sets the analog input range. Bypass REF with a 0.01µF
capacitor and a 4.7µF capacitor to RGND.
3
RGND
Reference Ground. Connect RGND to GND.
4VDD
Positive Analog Supply Voltage (+2.7V to 3.6V). Bypass VDD with a 0.01µF capacitor and a 10µF
capacitor to GND.
5, 11
N.C.
No Connection
6
GND
Ground. GND is internally connected to EP.
7VL
Positive Logic Supply Voltage (1.8V to VDD). Bypass VL with a 0.01µF capacitor and a 10µF capacitor
to GND.
8
DOUT
Serial Data Output. Data is clocked out on the rising edge of SCLK.
9
CNVST
Convert Start. Forcing CNVST high prepares the part for a conversion. Conversion begins on the
falling edge of CNVST. The sampling instant is defined by the falling edge of CNVST.
10
SCLK
Serial Clock Input. Clocks data out of the serial interface. SCLK also sets the conversion speed.
12
AIN+
Positive Analog Input
EP
Exposed Paddle. EP is internally connected to GND.
Detailed Description
The MAX1070/MAX1071 use an input T/H and succes-
sive-approximation register (SAR) circuitry to convert
an analog input signal to a digital 10-bit output. The
serial interface requires only three digital lines (SCLK,
CNVST, and DOUT) and provides easy interfacing to
microprocessors (µPs) and DSPs. Figure 3 shows the
simplified internal structure for the MAX1070/MAX1071.
True-Differential Analog Input T/H
The equivalent circuit of Figure 4 shows the input archi-
tecture of the MAX1070/MAX1071, which is composed of
a T/H, a comparator, and a switched-capacitor digital-to-
analog converter (DAC). The T/H enters its tracking mode
on the 14th SCLK rising edge of the previous conversion.
Upon power-up, the T/H enters its tracking mode immedi-
ately. The positive input capacitor is connected to AIN+.
The negative input capacitor is connected to AIN-. The
T/H enters its hold mode on the falling edge of CNVST
and the difference between the sampled positive and
negative input voltages is converted. The time required
for the T/H to acquire an input signal is determined by
how quickly its input capacitance is charged. If the input
signal’s source impedance is high, the acquisition time
lengthens. The acquisition time, tACQ, is the minimum
time needed for the signal to be acquired. It is calculated
by the following equation:
tACQ ≥ 8 x (RS + RIN) x 16pF
where RIN = 200
Ω, and RS is the source impedance of
the input signal.
Note: tACQ is never less than 125ns, and any source
impedance below 12
Ω does not significantly affect the
ADC’s AC performance.
Input Bandwidth
The ADC’s input-tracking circuitry has a 15MHz small-
signal bandwidth, making it possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high-fre-
quency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended.
Analog Input Protection
Internal protection diodes that clamp the analog input
to VDD and GND allow the analog input pins to swing
from GND - 0.3V to VDD + 0.3V without damage. Both
inputs must not exceed VDD or be lower than GND for
accurate conversions.


Similar Part No. - MAX1070_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070ETC-T MAXIM-MAX1070ETC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results

Similar Description - MAX1070_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com