Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1072 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1072
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1072 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1072_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 11Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 12Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 13Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 14Page - Maxim Integrated Products MAX1072_09 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Applications Information
External Reference
An external reference is required for the MAX1072/
MAX1075. Use a 4.7µF and 0.01µF bypass capacitor on
the REF pin for best performance. The reference input
structure allows a voltage range of +1V to VDD.
How to Start a Conversion
An analog-to-digital conversion is initiated by CNVST,
clocked by SCLK, and the resulting data is clocked out
on DOUT by SCLK. With SCLK idling high or low, a
falling edge on CNVST begins a conversion. This causes
the analog input stage to transition from track to hold
mode, and DOUT to transition from high impedance to
being actively driven low. A total of 16 SCLK cycles are
required to complete a normal conversion. If CNVST is
low during the 16th falling SCLK edge, DOUT returns to
high impedance on the next rising edge of CNVST or
SCLK, enabling the serial interface to be shared by multi-
ple devices. If CNVST returns high after the 14th, but
before the 16th SCLK rising edge, DOUT remains active
so continuous conversions can be sustained. The high-
est throughput is achieved when performing continuous
conversions. Figure 10 illustrates a conversion using a
typical serial interface.
Connection to
Standard Interfaces
The MAX1072/MAX1075 serial interface is fully compati-
ble with SPI/QSPI and MICROWIRE (see Figure 11). If a
serial interface is available, set the CPU’s serial interface
in master mode so the CPU generates the serial clock.
Choose a clock frequency up to 28.8MHz.
SPI and MICROWIRE
When using SPI or MICROWIRE, the MAX1072/MAX1075
are compatible with all four modes programmed with the
CPHA and CPOL bits in the SPI or MICROWIRE control
register. Conversion begins with a CNVST falling edge.
DOUT goes low, indicating a conversion is in progress.
Two consecutive 1-byte reads are required to get the full
10 bits from the ADC. DOUT transitions on SCLK rising
edges. DOUT is guaranteed to be valid tDOUT later and
remains valid until tDHOLD after the following SCLK rising
edge. When using CPOL = 0 and CPHA = 0 or CPOL = 1
and CPHA = 1, the data is clocked into the µP on the
following rising edge. When using CPOL = 0 and CPHA
= 1 or CPOL = 1 and CPHA = 0, the data is clocked
into the µP on the next falling edge. See Figure 11 for
connections and Figures 12 and 13 for timing. See the
Timing Characteristics section to determine the best
mode to use.
1.8Msps, Single-Supply, Low-Power,
True-Differential, 10-Bit ADCs
______________________________________________________________________________________
11
OUTPUT CODE
FULL-SCALE
TRANSITION
111...111
12
3
0
FS
FS - 3/2 LSB
FS = VREF
DIFFERENTIAL INPUT
VOLTAGE (LSB)
1 LSB =
VREF
1024
111...110
111...101
000...011
000...010
000...001
000...000
ZS = 0
Figure 8. Unipolar Transfer Function (MAX1072 Only)
OUTPUT CODE
FULL-SCALE
TRANSITION
FS
0
FS
FS - 3/2 LSB
DIFFERENTIAL INPUT
VOLTAGE (LSB)
011...111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
1 LSB =
VREF
1024
FS =
VREF
2
- FS =
-VREF
2
ZS = 0
Figure 9. Bipolar Transfer Function (MAX1075 Only)


Similar Part No. - MAX1072_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1072CTC-T MAXIM-MAX1072CTC-T Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1072ETC-T MAXIM-MAX1072ETC-T Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
More results

Similar Description - MAX1072_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com