Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1038 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1038
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1038 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1038 Datasheet HTML 3Page - Maxim Integrated Products MAX1038 Datasheet HTML 4Page - Maxim Integrated Products MAX1038 Datasheet HTML 5Page - Maxim Integrated Products MAX1038 Datasheet HTML 6Page - Maxim Integrated Products MAX1038 Datasheet HTML 7Page - Maxim Integrated Products MAX1038 Datasheet HTML 8Page - Maxim Integrated Products MAX1038 Datasheet HTML 9Page - Maxim Integrated Products MAX1038 Datasheet HTML 10Page - Maxim Integrated Products MAX1038 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel 2-Wire Serial 8-Bit ADCs
_______________________________________________________________________________________
7
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-40
-15
10
35
60
85
INTERNAL 2.048V REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
100
50
150
200
250
300
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
100
50
150
200
250
300
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
-120
-80
-100
-40
-60
-20
0
0100k
FFT PLOT
FREQUENCY (Hz)
40k
20k
60k
80k
fSAMPLE = 188ksps
fIN = 25kHz
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
VREF = 2.048V
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
10
-15
35
60
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 3.3V
VREF = 2.048V
-0.1
-0.07
-0.08
-0.09
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
2.5
3.5
3.0
4.0
4.5
5.0
5.5
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
VREF = 2.048V
Typical Operating Characteristics (continued)
(VDD = 3.3V (MAX1037/MAX1039), VDD = 5V (MAX1036/MAX1038), fSCL = 1.7MHz, external clock (33% duty cycle), fSAMPLE = 188ksps,
single ended, unipolar, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1038 MAXIM-MAX1038 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1038AEEE MAXIM-MAX1038AEEE Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
More results

Similar Description - MAX1038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com