Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1039 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1039
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1039 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1039 Datasheet HTML 6Page - Maxim Integrated Products MAX1039 Datasheet HTML 7Page - Maxim Integrated Products MAX1039 Datasheet HTML 8Page - Maxim Integrated Products MAX1039 Datasheet HTML 9Page - Maxim Integrated Products MAX1039 Datasheet HTML 10Page - Maxim Integrated Products MAX1039 Datasheet HTML 11Page - Maxim Integrated Products MAX1039 Datasheet HTML 12Page - Maxim Integrated Products MAX1039 Datasheet HTML 13Page - Maxim Integrated Products MAX1039 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Analog Input Bandwidth
The MAX1036–MAX1039 feature input tracking circuitry
with a 2MHz small signal-bandwidth. The 2MHz input
bandwidth makes it possible to digitize high-speed
transient events and measure periodic signals with
bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high fre-
quency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended.
Analog Input Range and Protection
Internal protection diodes clamp the analog input to
VDD and GND. These diodes allow the analog inputs to
swing from (GND - 0.3V) to (VDD + 0.3V) without caus-
ing damage to the device. For accurate conversions,
the inputs must not go more than 50mV below GND or
above VDD. If the analog input exceeds VDD by more
than 50mV, the input current should be limited to 2mA.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel 2-Wire Serial 8-Bit ADCs
10
______________________________________________________________________________________
ANALOG
INPUT
MUX
AIN1
AIN11/REF
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN0
SCL
SDA
INPUT SHIFT REGISTER
SETUP REGISTER
CONFIGURATION REGISTER
CONTROL
LOGIC
REFERENCE
4.096V (MAX1038)
2.048V (MAX1039)
INTERNAL
OSCILLATOR
OUTPUT SHIFT
REGISTER AND
12-BYTE RAM
REF
T/H
8-BIT
ADC
VDD
GND
MAX1038
MAX1039
Figure 3. MAX1038/MAX1039 Simplified Functional Diagram
CT/H
AIN0
AIN1
AIN2
AIN3/REF
GND
ANALOG INPUT MUX
CAPACITIVE
DAC
REF
MAX1036
MAX1037
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1039 MAXIM-MAX1039 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1039AEEE MAXIM-MAX1039AEEE Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
More results

Similar Description - MAX1039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com