Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1078ETC+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1078ETC+T
Description  1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1078ETC+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1078ETC+T Datasheet HTML 1Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 2Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 3Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 4Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 5Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 6Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 7Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 8Page - Maxim Integrated Products MAX1078ETC+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1.8Msps, Single-Supply, Low-Power, True-
Differential, 10-Bit ADCs with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = VDD, fSCLK = 28.8MHz, 50% duty cycle, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUTS (AIN+, AIN-)
AIN+ - AIN-, MAX1076
0
VREF
Differential Input Voltage Range
VIN
AIN+ - AIN-, MAX1078
-VREF / 2
+VREF / 2
V
Absolute Input Voltage Range
0
VDD
V
DC Leakage Current
±1
µA
Input Capacitance
Per input pin
16
pF
Input Current (Average)
Time averaged at maximum throughput rate
75
µA
REFERENCE OUTPUT (REF)
REF Output Voltage Range
Static, TA = +25°C
4.086
4.096
4.106
V
Voltage Temperature Coefficient
±50
ppm/°C
ISOURCE = 0 to 2mA
0.3
Load Regulation
ISINK = 0 to 200µA
0.5
mV/mA
Line Regulation
VDD = 4.75V to 5.25V, static
0.5
mV/V
DIGITAL INPUTS (SCLK, CNVST)
Input-Voltage Low
VIL
0.3 x VL
V
Input-Voltage High
VIH
0.7 x VL
V
Input Leakage Current
IIL
0.05
±10
µA
DIGITAL OUTPUT (DOUT)
Output Load Capacitance
COUT
For stated timing performance
30
pF
Output-Voltage Low
VOL
ISINK = 5mA, VL
≥ 1.8V
0.4
V
Output-Voltage High
VOH
ISOURCE = 1mA, VL
≥ 1.8V
VL - 0.5V
V
Output Leakage Current
IOL
Output high impedance
±0.2
±10
µA
POWER REQUIREMENTS
Analog Supply Voltage
VDD
4.75
5.25
V
Digital Supply Voltage
VL
1.8
VDD
V
Static, fSCLK = 28.8MHz
811
Static, no SCLK
5
7
Analog Supply Current,
Normal Mode
IDD
Operational, 1.8Msps
10
13
mA
fSCLK = 28.8MHz
2
Analog Supply Current,
Partial Power-Down Mode
IDD
No SCLK
2
mA
fSCLK = 28.8MHz
1
Analog Supply Current,
Full Power-Down Mode
IDD
No SCLK
0.3
1
µA
Operational, full-scale input at 1.8Msps
1
2.5
Static, fSCLK = 28.8MHz
0.4
1
Partial/full power-down mode,
fSCLK = 28.8MHz
0.2
0.5
mA
Digital Supply Current (Note 7)
Static, no SCLK (all modes)
0.1
1µA
Positive-Supply Rejection
PSR
VDD = 5V ±5%, full-scale input
±0.2
±3.0
mV


Similar Part No. - MAX1078ETC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1078ETC-T MAXIM-MAX1078ETC-T Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
More results

Similar Description - MAX1078ETC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com