Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1136EUA+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1136EUA+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1136EUA+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1136EUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX1136EUA+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial 10-Bit ADCs
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V (MAX1137/MAX1139), VDD = 5V (MAX1136/MAX1138), fSCL = 1.7MHz, external clock, fSAMPLE = 94.4ksps, single-
ended, unipolar, TA = +25°C, unless otherwise noted.)
-0.3
-0.1
-0.2
0.1
0
0.2
0.3
0
1000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
400
200
600
800
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
400
200
600
800
1000
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
FFT PLOT
FREQUENCY (Hz)
fSAMPLE = 94.4ksps
fIN = 10kHz
300
400
350
500
450
600
550
650
750
700
800
-40
-10
5
-25
20
35
50
65
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
INTERNAL REFERENCE
MAX1138/1136
MAX1139/1137
MAX1138/1136
MAX1139/1137
INTERNAL REFERENCE
EXTERNAL REFERENCE
EXTERNAL REFERENCE
SETUP BYTE
EXT REF: 10111011
INT REF: 11011011
0
0.2
0.1
0.4
0.3
0.5
0.6
2.7
5.2
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
INPUT VOLTAGE (V)
3.7
3.2
4.2
4.7
SDA = SCL = VDD
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.45
0.40
0.50
-40
-10
5
-25
20
35
50
65
80
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1138
MAX1139
200
300
250
350
400
450
500
550
600
650
700
750
800
0
20 30 40
60
80
100
AVERAGE SUPPLY CURRENT vs.
CONVERSION RATE (EXTERNAL CLOCK)
CONVERSION RATE (ksps)
010
50
70
90
A
B
A) INTERNAL REFERENCE ALWAYS ON
B) EXTERNAL REFERENCE
MAX1138
0.9990
0.9994
0.9992
0.9998
0.9996
1.0002
1.0000
1.0004
1.0008
1.0006
1.0010
-40
-10
5
-25
20
35
50
65
80
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1138
MAX1139
NORMALIZED TO REFERENCE VALUE
AT +25
°C
0.99990
0.99994
0.99992
0.99998
0.99996
1.00002
1.00000
1.00004
1.00008
1.00006
1.00010
2.7
3.3 3.6 3.9
3.0
4.2 4.5 4.8 5.1 5.4
NORMALIZED REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
MAX1138/MAX1136,
NORMALIZED TO
REFERENCE VALUE AT
VDD = 5V
MAX1139/MAX1137,
NORMALIZED TO
REFERENCE VALUE AT
VDD = 3.3V


Similar Part No. - MAX1136EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136EUA++ MAXIM-MAX1136EUA+ Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results

Similar Description - MAX1136EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com