Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440LD031M28 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440LD031M28
Description  EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Split Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LD031M28 Datasheet(HTML) 1 Page - Glenair, Inc.

  440LD031M28 Datasheet HTML 1Page - Glenair, Inc. 440LD031M28 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 20
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 3
DIRECT COUPLING
E
(Table IV)
F (Table IV)
J
(Table III)
J
(Table III)
G
(Table IV)
H (Table IV)
A Thread
(Table I)
K *
B Typ.
(Table I)
.060
(1.5)
Typ.
.380
(9.7)
Typ.
L *
M *
* (Table V)
Shrink Boot (Table V -
Omit for none)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Cable Entry (Table V)
Shell Size (Table I)
Termination Area Free
of Cadmium. Knurl or
Ridges Mfr's Option
Polysulfide Stripes
P Option
Band Option
(K Option Shown -
See Note 4)
Split 45°
Split 90°
440-031
EMI/RFI Banding and Shrink Boot Adapter
Direct Coupling - Split Shell
Product Series
Connector
Designator
Angle and Profile
D = Split 90
F = Split 45
Basic Part No.
Finish (Table II)
440 F D 031 M 20 12 B P T


Similar Part No. - 440LD031M28

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440LD001M08 GLENAIR-440LD001M08 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440LD001M10 GLENAIR-440LD001M10 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440LD001M12 GLENAIR-440LD001M12 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440LD001M14 GLENAIR-440LD001M14 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440LD001M16 GLENAIR-440LD001M16 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
More results

Similar Description - 440LD031M28

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AD074NF08 GLENAIR-440AD074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Split Shell
440AD071NF08 GLENAIR-440AD071NF08 Datasheet
53Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Split Shell
440AH031M08 GLENAIR-440AH031M08 Datasheet
54Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile
440AC073NF08 GLENAIR-440AC073NF08 Datasheet
134Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Split Shell
440AC030M08 GLENAIR-440AC030M08 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC070M08 GLENAIR-440AC070M08 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com