Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300A15E400BG2 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V300A15E400BG2
Description  300V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300A15E400BG2 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V300A15E400BG2 Datasheet HTML 5Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 6Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 7Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 8Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 9Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 10Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 11Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 12Page - Vicor Corporation V300A15E400BG2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
300V Maxi Family
Rev. 8.7
Page 10 of 13
Set your site on VICOR at vicorpower.com
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Negative In pins must be tied
to the same electric potential. Up to three converters may be
paralleled by this method. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001 μF (500 V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. Up to three
converters may be paralleled by this method. See Figure 10.
Transformer coupled interface. For paralleling four or more
converters a transformer coupled interface is required. For
details on this configuration please refer to the design guide
referenced in the following technical information section.
Technical Information
For additional technical information contained in the Design
Guide and Applications Manual for Maxi, Mini, Micro Family
DC-DC Converters and Accessory Modules, click on the link
below:
http://www.vicorpower.com/mmmguide
Figure 9 — DC coupled single-wire interface.
+IN
PC
PR
–IN
Module 2
(up to 12)
+IN
PC
PR
–IN
Module 1
Ground plane
+IN
PC
PR
–IN
Module 2
(up to 12)
+IN
PC
PR
–IN
Module 1
Ground plane
Figure 10 — AC coupled single-wire interface.
0.001μF
0.001μF
CONTROL FUNCTIONS - PR PIN


Similar Part No. - V300A15E400BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A15E48B VICOR-V300A15E48B Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V300A15E48B VICOR-V300A15E48B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300A15E48B1 VICOR-V300A15E48B1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V300A15E48B1 VICOR-V300A15E48B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V300A15E48B2 VICOR-V300A15E48B2 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
More results

Similar Description - V300A15E400BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com