Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440AJ086M12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440AJ086M12
Description  EMI/RFI Tinel-Lock짰 Ring Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440AJ086M12 Datasheet(HTML) 1 Page - Glenair, Inc.

  440AJ086M12 Datasheet HTML 1Page - Glenair, Inc. 440AJ086M12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 66
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector Designator
Angle and Profile
H = 45°
J = 90°
S = Straight
Basic Part No.
Finish (Table II)
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
FOR TINEL-LOCK®
RING TERMINATIONS
440 F S 086 M 20 12-8 AI T1
Shrink Boot Options
(Table IV - Omit for none)
Tinel-Lock® Ring Supplied
(Table V - Omit for none)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Cable Entry (Table IV)
Shell Size (Table I)
Tinel-Lock® Ring
Option (See Table V)
.070 (1.8)
Thermochromic
Paint (Note 6)
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 inch
STYLE 2
(45° & 90°
See Note 1)
1.00 (25.4)
Max
Tinel-Lock® is a registered trademark of Tyco
440-086
EMI/RFI Tinel-Lock® Ring Adapter
Self-Locking Rotatable Coupling - Standard Profile
A Thread
(Table I)
L*
E Typ.
(Table I)
.135 (3.4)
±.005 (.1)
M (Table IV)
K*
* (Table IV)
** Length ± .060 (1.52)
Min. Order Length 1.0 inch
(See Note 4)
Length **
O-Ring
Anti-Rotation
Device (Typ.)
.272 (6.9) Ref.
.525 (13.3)
H
(Table III)
J
(Table III)
G (Table III)
F
(Table III)
Note: The Tinel-Lock® ring designator must be specified according to the
type of cable braid used. Tinel-Lock® rings are marked with
thermochromic paint which changes color when the correct installation
temperature is reached. BI rings are identified with a red spot. CI rings
are identified with a blue spot.


Similar Part No. - 440AJ086M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AJ084M08 GLENAIR-440AJ084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AJ084M10 GLENAIR-440AJ084M10 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AJ084M12 GLENAIR-440AJ084M12 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AJ084M14 GLENAIR-440AJ084M14 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AJ084M16 GLENAIR-440AJ084M16 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
More results

Similar Description - 440AJ086M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AF086M08 GLENAIR-440AF086M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
440AD001M08 GLENAIR-440AD001M08 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
logo
Tyco Electronics
002419-000 MACOM-002419-000 Datasheet
171Kb / 3P
   TINEL-LOCK ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com