Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8130S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8130S
Description  10/100Base-TX Module for Multi-Port Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8130S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8130S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Module for
Multi-Port Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with Broadcom 5208 Chip
• Significantly Improved Common Mode Attenuation
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Transfer Molded Part
Schematic
EPF8130S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8130S
Rev. C
5/8/03
Isolation : 1500 Vrms • Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-30
1-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
100
MHz
-1/-1
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
100
MHz
-10/-10
Xmit/Rcv
200
MHz
Xmit/Rcv
-20/-15
300
MHz
Xmit/Rcv
-20/-10
30-100
MHz
-30/-20
Xmit/Rcv
500
MHz
Xmit/Rcv
-15/---
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8130S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
Transmit Channel
36, 34, 26, 24
37, 35, 27, 25
38, 33, 28, 23
1CT : 1CT
5, 7, 15, 17
4, 6, 14, 16
3, 8, 13, 18
Cable
Side
Chip
Side
Chip
Side
Receive Channel
Cable
Side
1 : 1
39, 31, 29, 21
40, 32, 30, 22
2, 10, 12, 20
1, 9, 11, 19
150
MHz
-3/-3
Xmit/Rcv


Similar Part No. - EPF8130S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8132S PCA-EPF8132S Datasheet
47Kb / 1P
   10/100 LAN Interface Module for PC Card Applications
EPF8135S PCA-EPF8135S Datasheet
33Kb / 1P
   10/100Base-TX Module for Dual-Port Applications
EPF8135S-RC PCA-EPF8135S-RC Datasheet
33Kb / 1P
   10/100Base-TX Module for Dual-Port Applications
EPF8135S PCA-EPF8135S_15 Datasheet
33Kb / 1P
   10/100Base-TX Module
EPF8137S PCA-EPF8137S Datasheet
79Kb / 1P
   10/100Base-TX Module for Quad-Port Applications
More results

Similar Description - EPF8130S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8105S PCA-EPF8105S Datasheet
75Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8066SM PCA-EPF8066SM Datasheet
81Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8162S PCA-EPF8162S Datasheet
80Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8159S PCA-EPF8159S Datasheet
79Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8079SM PCA-EPF8079SM Datasheet
26Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
EPF8123SP PCA-EPF8123SP Datasheet
80Kb / 1P
   10/100Base-TX Module for Quad-Port Applications
EPF8124S PCA-EPF8124S_09 Datasheet
79Kb / 1P
   10/100Base-TX Module for Quad-Port Applications
EPF8135S PCA-EPF8135S Datasheet
33Kb / 1P
   10/100Base-TX Module for Dual-Port Applications
EPF8034S PCA-EPF8034S_09 Datasheet
26Kb / 1P
   10/100Base-TX Module for Quad-Port Applications
EPF8123S PCA-EPF8123S Datasheet
79Kb / 1P
   10/100Base-TX Module for Quad-Port Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com