Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440FH063M18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440FH063M18
Description  EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FH063M18 Datasheet(HTML) 1 Page - Glenair, Inc.

  440FH063M18 Datasheet HTML 1Page - Glenair, Inc. 440FH063M18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
440 F S 063 M 16 32-6
Product Series
Connector Designator
Angle and Profile
H = 45
J = 90
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Cable Entry (Table IV)
Shell Size (Table I)
Finish (Table II)
C Typ.
(Table I)
A Thread
(Table I)
* Length ± .060 (1.52)
Min. Order Length 1.5 Inch
(See Note 5)
Length *
L**
M**
Crimp Ring
G
(Table III)
H (Table III)
P**
R**
K
(Table
IV)
N**
See inside back
cover fold-out or
pages 13 and 14
for Tables I and II.
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 inch
(See Note 5)
O-Ring
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
** (Table IV)
440-063
EMI/RFI Crimp Ring Adapter
Rotatable Coupling - Standard Profile
Metric dimensions (mm) are indicated in parentheses.
F (Table III)
E
(Table III)
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4)
Max
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.


Similar Part No. - 440FH063M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FH069M08 GLENAIR-440FH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440FH069M10 GLENAIR-440FH069M10 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440FH069M12 GLENAIR-440FH069M12 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440FH069M14 GLENAIR-440FH069M14 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440FH069M16 GLENAIR-440FH069M16 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
More results

Similar Description - 440FH063M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH070NF08 GLENAIR-440AH070NF08 Datasheet
74Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
440AF086M08 GLENAIR-440AF086M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com