Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73244MILH Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK73244MILH
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73244MILH Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK73244MILH Datasheet HTML 7Page - TOKO, Inc TK73244MILH Datasheet HTML 8Page - TOKO, Inc TK73244MILH Datasheet HTML 9Page - TOKO, Inc TK73244MILH Datasheet HTML 10Page - TOKO, Inc TK73244MILH Datasheet HTML 11Page - TOKO, Inc TK73244MILH Datasheet HTML 12Page - TOKO, Inc TK73244MILH Datasheet HTML 13Page - TOKO, Inc TK73244MILH Datasheet HTML 14Page - TOKO, Inc TK73244MILH Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
January 1999 TOKO, Inc.
Page 11
TK732xx
3) Plot P
D1 against 25 °C
4) Connect P
D1 to the point corresponding to the 150 °C
with a straight line.
5) In design, take a vertical line from the maximum
operating temperature (e.g., 75
°C) to the derating
curve.
6) Read off the value of P
D against the point at which the
vertical line intersects the derating curve. This is taken
as the maximum power dissipation, D
PD.
The maximum operating current is:
I
OUT = (DPD / (VIN(MAX) - VOUT)
SOT-23L-8 POWER DISSIPATION CURVE
VIN
RIPK
CONTROL
GND
GND
VOUT
DEFINITIONS AND TERMS (CONT.)
0
50
100
150
TA (°C)
0
450
750
150
300
600
MOUNTED AS
SHOWN
FREE AIR
INPUT-OUTPUT CAPACITORS
The output capacitor is necessary for stable operation.
The regulator may oscillate if the output capacitor is too
small or missing. The output capacitor size is determined
by load, transient response and external transistor used.
Evaluation in the circuit is recommended to ensure
performance requirements are satisfied. A minimum of 4.7
µF is necessary for stability, with twice that value
recommended. The minimum recommended input
capacitor is 1
µF. Problems do not occur with larger values
of capacitance. However, extremely low ESR may result in
unstable operation. Thus, the use of large value ceramic
capacitors is not recommended on the output.
BOARD LAYOUT
SOT-23L-8 BOARD LAYOUT
APPLICATION INFORMATION


Similar Part No. - TK73244MILH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73244MILH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com