Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440AH031M36 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440AH031M36
Description  EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440AH031M36 Datasheet(HTML) 2 Page - Glenair, Inc.

  440AH031M36 Datasheet HTML 1Page - Glenair, Inc. 440AH031M36 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 19
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
1. When maximum cable entry (page
22) is exceeded, Style 2 will be
supplied. (Function S only).
2. Metric dimensions (mm) are
indicated in parentheses.
3. Consult factory for shorter lengths
on straight backshells.
4. See page 40 for Shrink Boot
Reference Information.
5. When using Connector Designator
B refer to pages 18 and 19 for part
number development.
6. Backshells supplied with 600-052-*
band, see Glenair Series 600 Tool
Catalog for installation.
Dash
No.
01
31
02
32
03
33
04
34
05
35
06
36
07
37
08
38
09
10
11
12
13
14
15
16
K
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
M
.312
(7.9)
.374
(9.5)
.437 (11.1)
.500 (12.7)
.562 (14.3)
.624 (15.8)
.687 (17.4)
.750 (19.1)
.812 (20.6)
.874 (22.2)
.937 (23.8)
1.000 (25.4)
1.062 (27.0)
1.124 (28.5)
1.187 (30.1)
1.250 (31.8)
1.312 (33.3)
1.437 (36.5)
1.562 (39.7)
1.687 (42.8)
1.812 (46.0)
1.937 (49.2)
2.062 (52.4)
2.187 (55.5)
L
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
* Raychem Shrink Boot Supplied with "T" Option
(see Part Number Development)
Shrink
Boot *
n/a
202K121-25-0
202K121-25-0
202K121-25-0
202K121-25-0
202K132-25-0
202K132-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
202K174-25-0
202K185-25-0
202K185-25-0
202K185-25-0
TABLE V: CABLE ENTRY
440-031
EMI/RFI Banding and Shrink Boot Adapter
Direct Coupling - Standard Profile
E
Max
.625 (15.9)
.625 (15.9)
.688 (17.5)
.711 (18.1)
.781 (19.8)
.841 (21.4)
.866 (22.0)
.893 (22.7)
.916 (23.3)
1.134 (28.8)
1.134 (28.8)
1.185 (30.1)
1.185 (30.1)
1.225 (31.1)
1.225 (31.1)
H
Max
1.078 (27.4)
1.078 (27.4)
1.108 (28.1)
1.128 (28.7)
1.178 (29.9)
1.190 (30.2)
1.250 (31.8)
1.320 (33.5)
1.380 (35.1)
1.500 (38.1)
1.500 (38.1)
1.620 (41.1)
1.620 (41.1)
1.750 (44.5)
1.750 (44.5)
F
Max
.940 (23.9)
.940 (23.9)
1.000 (25.4)
1.050 (26.7)
1.150 (29.2)
1.188 (30.2)
1.208 (30.7)
1.248 (31.7)
1.278 (32.5)
1.448 (36.8)
1.448 (36.8)
1.488 (37.8)
1.488 (37.8)
1.538 (39.1)
1.538 (39.1)
G
Max
.732 (18.6)
.732 (18.6)
.757 (19.2)
.781 (19.8)
.825 (21.0)
.896 (22.8)
1.093 (27.8)
1.250 (31.8)
1.312 (33.3)
1.375 (34.9)
1.375 (34.9)
1.687 (42.8)
1.687 (42.8)
1.812 (46.0)
1.812 (46.0)
Dash
No.(s)
01
02 & 31
03 & 32
04 & 33
05 & 34
06 & 35
07 & 36
08 & 37
09 & 38
10
11
12
13
14
15
TABLE IV: ELBOW DIMENSIONS
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)


Similar Part No. - 440AH031M36

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH030M10 GLENAIR-440AH030M10 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH030M12 GLENAIR-440AH030M12 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH030M14 GLENAIR-440AH030M14 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH030M16 GLENAIR-440AH030M16 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
More results

Similar Description - 440AH031M36

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AD031M08 GLENAIR-440AD031M08 Datasheet
49Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Split Shell
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH074NF08 GLENAIR-440AH074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Standard Profile
440AC030M08 GLENAIR-440AC030M08 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AH071NF08 GLENAIR-440AH071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AM069M08 GLENAIR-440AM069M08 Datasheet
51Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Full Radius Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com