Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1305 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1305
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1305 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1305 Datasheet HTML 2Page - Maxim Integrated Products MAX1305 Datasheet HTML 3Page - Maxim Integrated Products MAX1305 Datasheet HTML 4Page - Maxim Integrated Products MAX1305 Datasheet HTML 5Page - Maxim Integrated Products MAX1305 Datasheet HTML 6Page - Maxim Integrated Products MAX1305 Datasheet HTML 7Page - Maxim Integrated Products MAX1305 Datasheet HTML 8Page - Maxim Integrated Products MAX1305 Datasheet HTML 9Page - Maxim Integrated Products MAX1305 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
6
_______________________________________________________________________________________
Note 1: For the MAX1304/MAX1305/MAX1306, VIN = 0 to +5V. For the MAX1308/MAX1309/MAX1310, VIN = -5V to +5V. For the
MAX1312/MAX1313/MAX1314, VIN = -10V to +10V.
Note 2: All channel performance is guaranteed by correlation to a single channel test.
Note 3: The analog input resistance is terminated to an internal bias point (Figure 5). Calculate the analog input current using:
for VCH within the input voltage range.
Note 4: Throughput rate is given per channel. Throughput rate is a function of clock frequency (fCLK). The external clock through-
put rate is specified with fCLK = 16.67MHz and the internal clock throughput rate is specified with fCLK = 15MHz. See the
Data Throughput section for more information.
Note 5: The REF input resistance is terminated to an internal +2.5V bias point (Figure 2). Calculate the REF input current using:
for VREF within the input voltage range.
Note 6: The REFMS input resistance is terminated to an internal +2.5V bias point (Figure 2). Calculate the REFMS input current using:
for VREFMS within the input voltage range.
Note 7: All analog inputs are driven with a -0.4dBFS 500kHz sine wave.
Note 8: Shutdown current is measured with the analog input floating. The large amplitude of the maximum shutdown current speci-
fication is due to automated test equipment limitations.
Note 9: CONVST must remain low for at least the acquisition period. The maximum acquisition time is limited by internal capacitor droop.
Note 10: CS to WR and CS to RD are internally AND together. Setup and hold times do not apply.
Note 11: Minimum CLK frequency is limited only by the internal T/H droop rate. Limit the time between the rising edge of CONVST
and the falling edge of EOLC to a maximum of 1ms.
I
VV
R
REFMS
REFMS
REFMS
=
− 25
.
I
VV
R
REF
REF
REF
=
− 25
.
I
VV
R
CH
CH
BIAS
CH
_
_
_
=
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Data Setup Time
tDTW
Figure 6
10
ns
Input-Data Hold Time
tWTD
Figure 6
10
ns
External CLK Period
tCLK
Figures 8, 9
0.05
10.00
µs
External CLK High Period
tCLKH
Logic sensitive to rising edges,
Figures 8, 9
20
ns
External CLK Low Period
tCLKL
Logic sensitive to rising edges,
Figures 8, 9
20
ns
External Clock Frequency
fCLK
(Note 11)
0.1
20
MHz
Internal Clock Frequency
fINT
15
MHz
CONVST High to CLK Edge
tCNTC
Figures 8, 9
20
ns
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo-
lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.)


Similar Part No. - MAX1305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1305 MAXIM-MAX1305 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX13050ASA/AUT MAXIM-MAX13050ASA/AUT Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
More results

Similar Description - MAX1305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com