Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440FH084M22 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440FH084M22
Description  EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FH084M22 Datasheet(HTML) 2 Page - Glenair, Inc.

  440FH084M22 Datasheet HTML 1Page - Glenair, Inc. 440FH084M22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 61
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded, Style 2 will be sup-
plied. Dimensions E, F, G, and H will not apply. Please consult factory.
2. Interface O-Ring not supplied with Connector Designator A.
3. Consult factory for shorter lengths on straight backshells.
4. See pages 40 for Shrink Boot Reference Information.
5. The Tinel-Lock® ring designator must be specified according to the type of
cable braid used. Tinel-Lock® rings are marked with thermochromic paint
which changes color when the correct installation temperature is reached.
BI rings are identified with a red spot. CI rings are identified with a blue
spot.
Dash
No.
04
05
06
07
08
10
12
14
16
18
20
22
J
I.D.
.250
(6.4)
.312
(7.9)
.375
(9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
L
+.008
(.2)
-.000
(.0)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.084
(2.1)
K
Dia Max
.375
(9.5)
.437 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
* Raychem Shrink Boot and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with "T1" Option
(See Part Number Development)
** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number
Development) - This is a Halogen Free System
Shrink Boot
Option T1*
202K121-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
202K174-25-0
See inside back
cover fold-out or
pages 13 and 14 for
Tables I and II.
TABLE IV: CABLE ENTRY
Tinel-Lock®
Ring Entry
Size
04
05
06
07
08
10
12
14
16
18
20
22
Shrink Boot
Option T2*
202K121-100-0
202K132-100-0
202K132-100-0
202K142-100-0
202K142-100-0
202K153-100-0
202K153-100-0
202K163-100-0
202K163-100-0
202K174-100-0
202K174-100-0
202K174-100-0
A-F-L-S
03
08
10
12
14
16
18
20
22
24
28
32
36
40
44
48
61
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
G
Max
.75
(19.1)
.75
(19.1)
.81
(20.6)
.87
(22.1)
.92
(23.4)
.98
(24.9)
1.02
(25.9)
1.08
(27.4)
1.14
(29.0)
1.20
(30.5)
1.48
(37.6)
1.61
(40.9)
1.72
(43.7)
1.83
(46.5)
1.95
(49.5)
2.08
(52.8)
1.39
(35.3)
H
Max
1.00
(25.4)
1.00
(25.4)
1.06
(26.9)
1.12
(28.4)
1.19
(30.2)
1.25
(31.8)
1.27
(32.3)
1.33
(33.8)
1.41
(35.8)
1.48
(37.6)
1.72
(43.7)
1.81
(46.0)
1.92
(48.8)
2.03
(51.6)
2.16
(54.9)
2.28
(57.9)
1.57
(39.9)
F
Max
.89
(22.6)
.89
(22.6)
.92
(23.4)
.94
(23.9)
.97
(24.6)
.99
(25.1)
1.00
(25.4)
1.02
(25.9)
1.06
(26.9)
1.09
(27.7)
1.26
(32.0)
1.30
(33.0)
1.35
(34.3)
1.39
(35.3)
1.44
(36.6)
1.49
(37.8)
1.21
(30.7)
E
Max
.64
(16.3)
.64
(16.3)
.66
(16.8)
.69
(17.5)
.71
(18.0)
.73
(18.5)
.75
(19.1)
.77
(19.6)
.80
(20.3)
.82
(20.8)
1.04
(26.4)
1.09
(27.7)
1.14
(29.0)
1.18
(30.0)
1.24
(31.5)
1.29
(32.8)
1.00
(25.4)
TABLE III: ELBOW DIMENSIONS
440-084
EMI/RFI Tinel-Lock® Ring Adapter
Rotatable Coupling - Standard Profile
Ring
Braid Type
Designator
Single Layer 36 AWG
AI
Single Layer 34 AWG
AI
Single Layer 32 AWG
BI
Single Layer 30 AWG
BI
Double Layer 36 AWG
BI
Double Layer 34 AWG
BI
Double Layer 32 AWG
CI
TABLE V: TINEL-LOCK® RING


Similar Part No. - 440FH084M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FH085M08 GLENAIR-440FH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440FH085M10 GLENAIR-440FH085M10 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440FH085M12 GLENAIR-440FH085M12 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440FH085M14 GLENAIR-440FH085M14 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440FH085M16 GLENAIR-440FH085M16 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
More results

Similar Description - 440FH084M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AF086M08 GLENAIR-440AF086M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
440AH070NF08 GLENAIR-440AH070NF08 Datasheet
74Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH086M08 GLENAIR-440AH086M08 Datasheet
105Kb / 2P
   EMI/RFI Tinel-Lock짰 Ring Adapter
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com