Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440AS070NF24 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440AS070NF24
Description  EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440AS070NF24 Datasheet(HTML) 2 Page - Glenair, Inc.

  440AS070NF24 Datasheet HTML 1Page - Glenair, Inc. 440AS070NF24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 29
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page
21) is exceeded, Style 2 will be
supplied. Dimensions E, F, G and H
will not apply. Please consult
factory.
2. Metric dimensions (mm) are indi-
cated in parentheses.
3. Consult factory for shorter lengths
on straight backshells.
4. Backshells supplied with 600-052-*
band, see Glenair Series 600 Tool
Catalog for installation.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
H
Max
1.438 (36.5)
1.498 (38.0)
1.558 (39.6)
1.628 (41.4)
1.688 (42.9)
1.708 (43.4)
1.768 (44.9)
1.848 (46.9)
1.918 (48.7)
F
Max
1.328 (33.7)
1.358 (34.5)
1.378 (35.0)
1.408 (35.8)
1.428 (36.3)
1.438 (36.5)
1.458 (37.0)
1.498 (38.0)
1.528 (38.8)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
See inside back cover
fold-out or pages 13 and
14 for Tables I and II.
440-070
EMI/RFI Dual Banding Adapter
Rotatable Coupling - Standard Profile
Now Available
with the “NESTOR”
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.
K
Dia
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
J
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
TABLE IV: CABLE ENTRY
L
Dia
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.312 (33.3)
1.438 (36.5)
1.562 (39.7)
1.688 (42.9)


Similar Part No. - 440AS070NF24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AS071NF08 GLENAIR-440AS071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AS071NF10 GLENAIR-440AS071NF10 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AS071NF12 GLENAIR-440AS071NF12 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AS071NF14 GLENAIR-440AS071NF14 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AS071NF16 GLENAIR-440AS071NF16 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
More results

Similar Description - 440AS070NF24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM070M08 GLENAIR-440AM070M08 Datasheet
51Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Full Radius Profile
440AM073NF08 GLENAIR-440AM073NF08 Datasheet
48Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Full Radius Profile
440AC070M08 GLENAIR-440AC070M08 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AC073NF08 GLENAIR-440AC073NF08 Datasheet
134Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Split Shell
440AH071NF08 GLENAIR-440AH071NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
440AH074NF08 GLENAIR-440AH074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com