Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1385 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1385
Description  Dual RF LDMOS Bias Controllers with I2C/SPI Interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1385 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1385 Datasheet HTML 4Page - Maxim Integrated Products MAX1385 Datasheet HTML 5Page - Maxim Integrated Products MAX1385 Datasheet HTML 6Page - Maxim Integrated Products MAX1385 Datasheet HTML 7Page - Maxim Integrated Products MAX1385 Datasheet HTML 8Page - Maxim Integrated Products MAX1385 Datasheet HTML 9Page - Maxim Integrated Products MAX1385 Datasheet HTML 10Page - Maxim Integrated Products MAX1385 Datasheet HTML 11Page - Maxim Integrated Products MAX1385 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Dual RF LDMOS Bias Controllers
with I2C/SPI Interface
8
_______________________________________________________________________________________
I2C HIGH-SPEED-MODE TIMING CHARACTERISTICS (Note 12, see Figure 2)
(GATEVDD = +5.5V for MAX1385, GATEVDD = +11V for MAX1386, AVDD = +5V, DVDD = 2.7V to 5.25V, external VREFADC = +2.5V,
external VREFDAC = +2.5V, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial-Clock Frequency
fSCL
0
3.4
MHz
Setup Time Repeated START
Condition
tSU;STA
160
ns
Hold Time Repeated START
Condition
tHD;STA
160
ns
SCL Pulse-Width Low
tLOW
160
ns
SCL Pulse-Width High
tHIGH
60
ns
Data Setup Time
tSU;DAT
10
ns
Data Hold Time
tHD;DAT
(Note 17)
0
70
ns
Rise Time of SCL Signal,
Receiving
tRCL
10
40
ns
Rise Time of SCL Signal After a
Repeated START Condition and
After an Acknowledge Bit,
Receiving
tRCL1
10
80
ns
Fall Time of SCL Signal,
Receiving
tFCL
10
40
ns
Rise Time of SDA Signal,
Receiving
tRDA
10
80
ns
Fall Time of SDA Signal,
Transmitting
tFDA
10
80
ns
Setup Time for STOP Condition
tSU;STO
160
ns
Capacitive Load for Each Bus
Line
Cb
(Note 18)
100
pF
Pulse Width of Spikes That are
Suppressed by the Input Filter
tSP
010
ns


Similar Part No. - MAX1385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1385EVC16 MAXIM-MAX1385EVC16 Datasheet
341Kb / 15P
   Complete Evaluation System
Rev 0; 3/09
MAX1385EVKIT++ MAXIM-MAX1385EVKIT+ Datasheet
341Kb / 15P
   Complete Evaluation System
Rev 0; 3/09
More results

Similar Description - MAX1385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
   Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
330Kb / 25P
   Dual Smart Card Interface IC with SPI Programming Interface
December, 2008 ??Rev. 1
logo
Linear Technology
LTC1960 LINER-LTC1960_15 Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Analog Devices
ADIS16006 AD-ADIS16006 Datasheet
391Kb / 16P
   Dual-Axis -5 Accelerometer with SPI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com