Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1452 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1452_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 11Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 12Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 13Page - Maxim Integrated Products MAX1452_09 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
Registers ODAC and FSODAC are refreshed from
the temperature indexed EEPROM locations.
Calibration Operation, Registers Updated by Serial
Communications
The MAX1452 has not had the Secure-Lock byte
set (CL[7:0] = 00hex) or UNLOCK is high.
Power is applied to the device.
The power-on-reset functions have completed.
The registers can then be loaded from the serial
digital interface by use of serial commands. See the
section on Serial I/O and Commands.
Internal EEPROM
The internal EEPROM is organized as a 768 by 8-bit
memory. It is divided into 12 pages, with 64 bytes per
page. Each page can be individually erased. The mem-
ory structure is arranged as shown in Table 1. The look-
up tables for ODAC and FSODAC are also shown, with
the respective temp-index pointer. Note that the ODAC
table occupies a continuous segment, from address
000hex to address 15Fhex, whereas the FSODAC table
is divided in two parts, from 200hex to 2FFhex, and
from 1A0hex to 1FFhex. With the exception of the gen-
eral purpose user bytes, all values are 16-bit wide
words formed by two adjacent byte locations (high byte
and low byte).
The MAX1452 compensates for sensor offset, FSO, and
temperature errors by loading the internal calibration
registers with the compensation values. These compen-
sation values can be loaded to registers directly through
the serial digital interface during calibration or loaded
automatically from EEPROM at power-on. In this way the
device can be tested and configured during calibration
and test and the appropriate compensation values
Low-Cost Precision Sensor
Signal Conditioner
10
______________________________________________________________________________________
MAX1452
VIN+
+12V TO +40V
2N2222A
47
Ω
100k
Ω
4.99k
Ω
4.99M
Ω
30
Ω
100
Ω
499k
Ω
100k
Ω
VIN-
RSTC
RISRC
1.0
μF
2.2
μF
0.1
μF
0.1
μF
0.1
μF
INM
TEST VSS
INP
7
9
16
1
2
13
14
15
8
3
BDR
VDDF
VDD
5
6
4
FSOTC
ISRC
SENSOR
MAX15006B
OUT
GND
1
D
S
G
5
Z1
IN
2N4392
8
OUT
AMPOUT
AMP-
AMP+
Figure 4. Basic 4–20mA Output, Loop-Powered Configuration


Similar Part No. - MAX1452_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
MAX14521E MAXIM-MAX14521E_15 Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
More results

Similar Description - MAX1452_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com